| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SST26VF032 bảng dữ liệu(PDF) 36 Page - Silicon Storage Technology, Inc |
|
|
|||||||||||||||||||||||||||||
SST26VF032 bảng dữ liệu(HTML) 36 Page - Silicon Storage Technology, Inc |
|
36 / 39 page ![]() ©2011 Silicon Storage Technology, Inc. DS-25017A 04/11 36 Serial Quad I/O (SQI) Flash Memory SST26VF016 / SST26VF032 Data Sheet A Microchip Technology Company Product Ordering Information Valid combinations for SST26VF016 SST26VF016-80-5I-QAE SST26VF016-80-5I-S2AE Valid combinations for SST26VF032 SST26VF032-80-5I-QAE SST26VF032-80-5I-S2AE Note: Valid combinations are those products in mass production or will be in mass production. Consult your SST sales representative to confirm availability of valid combinations and to determine availability of new combinations. SST 26 VF 016 - 80 - 5I - S2AE XX XX XXX - XX - XX - XXXX Environmental Attribute E1 = non-Pb / non-Sn contact (lead) finish Package Modifier A = 8 leads or contacts Package Type Q = WSON (6 mm x 5 mm) S2 = SOIC (200 mil body width) Temperature Range I = Industrial = -40°C to +85°C Minimum Endurance 5 = 100,000 cycles Operating Frequency 80 = 80 MHz Device Density 016 = 16 Mbit 032 = 32 Mbit Voltage V = 2.7-3.6V Product Series 26 = Serial Quad I/O (SQI) Flash Memory 1. Environmental suffix “E” denotes non-Pb sol- der. SST non-Pb solder devices are “RoHS Compliant”. |