| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SST26VF032 bảng dữ liệu(PDF) 23 Page - Silicon Storage Technology, Inc |
|
|
|||||||||||||||||||||||||||||
SST26VF032 bảng dữ liệu(HTML) 23 Page - Silicon Storage Technology, Inc |
|
23 / 39 page ![]() ©2011 Silicon Storage Technology, Inc. DS-25017A 04/11 23 Serial Quad I/O (SQI) Flash Memory SST26VF016 / SST26VF032 Data Sheet A Microchip Technology Company Program Security ID The Program Security ID instruction programs one to 24 Bytes of data in the user-programmable, Security ID space. The device ignores a Program Security ID instruction pointing to an invalid or pro- tected address, see Table 7. Prior to the program operation, execute WREN. To execute a Program SID operation, the host drives CE# low, sends the Program Security ID com- mand cycle (A5H), one address cycle, the data to be programmed, then drives CE# high. The pro- grammed data must be between 1 to 24 Bytes and in whole Byte increments; sending an odd number of nibbles will cause the last nibble to be ignored. Each cycle is two nibbles long, most significant nib- ble first. To determine the completion of the internal, self-timed Program SID operation, poll the BUSY bit in the software status register, or wait TPSID for the completion of the internal self-timed Program Security ID operation. Lockout Security ID The Lockout Security ID instruction prevents any future changes to the Security ID. To execute a Lock- out SID, the host drives CE# low, sends the Lockout Security ID command cycle (85H), then drives CE# high. A cycle is two nibbles long, most significant nibble first. The user map polls the BUSY bit in the software status register or waits TPSID for the completion of he Lockout Security ID operation. Read-Status Register (RDSR) The Read-Status register (RDSR) command outputs the contents of the Status register. The Status register may be read at any time even during a Write operation. When a Write is in progress, check the BUSY bit before sending any new commands to assure that the new commands are properly received by the device. To execute a Read-Status-Register operation the host drives CE# low, then sends the Read-Status- Register command cycle (05H). Each cycle is two nibbles long, most significant nibble first. Immedi- ately after the command cycle, the device outputs data on the falling edge of the SCK signal. The data output stream continues until terminated by a low-to-high transition on CE#. See Figure 19 for the RDSR instruction sequence. Figure 19:Read-Status-Register (RDSR) Sequence Table 7: Program Security ID Program Security ID Address Range Pre-Programmed at factory 00H – 07H User Programmable 08H – 1FH T7.0 25017 1359 F11.0 MODE 3 0 SCK SIO(3:0) CE# C1 C0 MODE 0 2 H0 L0 MSN LSN 4 H0 L0 6 H0 L0 8N H1 L1 Status Byte Status Byte Status Byte Status Byte Note: MSN = Most Significant Nibble; LSN = Least Significant Nibble C[1:0] = 05H |