công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-ADT7470EBZ bảng dữ liệu(PDF) 26 Page - Analog Devices

tên linh kiện EVAL-ADT7470EBZ
Giải thích chi tiết về linh kiện  Temperature Sensor Hub and Fan Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADT7470EBZ bảng dữ liệu(HTML) 26 Page - Analog Devices

Back Button EVAL-ADT7470EBZ Datasheet HTML 22Page - Analog Devices EVAL-ADT7470EBZ Datasheet HTML 23Page - Analog Devices EVAL-ADT7470EBZ Datasheet HTML 24Page - Analog Devices EVAL-ADT7470EBZ Datasheet HTML 25Page - Analog Devices EVAL-ADT7470EBZ Datasheet HTML 26Page - Analog Devices EVAL-ADT7470EBZ Datasheet HTML 27Page - Analog Devices EVAL-ADT7470EBZ Datasheet HTML 28Page - Analog Devices EVAL-ADT7470EBZ Datasheet HTML 29Page - Analog Devices EVAL-ADT7470EBZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
ADT7470
Data Sheet
Rev. E | Page 26 of 40
AUTOMATIC FAN SPEED CONTROL
In automatic fan speed control mode, fan speed automatically
varies with temperature and without CPU intervention, once
initial parameters are set up. The advantage is that when a
system hangs, the user is guaranteed that the system is protected
from overheating.
Automatic fan speed control mode is recommended for use
only when temperatures > 8°C. In automatic fan control mode,
if the temperature drops below 0°C, the fans automatically
turn on.
For each thermal zone, when the temperature exceeds TMIN,
the fans turn on at PWMMIN duty cycle. When the temperature
reaches TMIN + 20°C, the fans increase in speed to PWMMAX.
To configure each fan into automatic fan control mode, the
BHVR bit for that fan must be set to 1. See Table 22 for more
details.
To control the fans in automatic fan control mode, a number of
parameters for each fan should be set up. The PWM minimum
and maximum duty cycles, as well as the minimum temperature
at which each fan turns on, should be configured. Which
TMP05 controls which fan also needs to be configured.
What follows are the automatic fan control configuration steps:
1. Put the fans into automatic fan control mode, by setting
the BHVR bits for each fan to 1.
2. Determine which TMP05 is to control the fan, by
configuring Registers 0x7C and 0x7D. Any TMP05, can
control any fan, or the hottest TMP05 can control the fan.
3. Set the minimum temperature for each fan, by writing to
Registers 0x6E to 0x70. When the temperature exceeds
TMIN, the fan runs at PWMMIN.
4. Set PWMMIN, the minimum PWM duty cycle, by writing to
Registers 0x6A to 0x6D.
5. Set PWMMAX, the maximum PWM duty cycle, by writing
to registers 0x38 to 0x3B.
6. Write to the STRT bit in Configuration Register 1 (0x40
Bit[0]) to start the ADT7470 monitoring cycle. Set Bit 7 in
this register to 1 to enable the TMP05 start pulse.
PWM Min Duty Cycle
The PWM min duty cycle registers, at address 0x6A to 0x6D,
set the PWM duty cycle at which the fans turn on in automatic
fan control mode.
The value to be programmed into the PWM Min Duty Cycle
registers can be calculated as follows:
Value (decimal) = Desired PWM duty cycle/0.39
Example: For a PWM Min Duty Cycle of 30%
Value (decimal) = 30/0.39 = 77 decimal
Value = 77 decimal or 4D hex
The PWM min duty cycle registers have a default value of
0x80, which corresponds to a duty cycle of 50% on the PWM
output pin.
PWN Max Duty Cycle
For each fan, the maximum PWM duty cycle can be set by
writing to Registers 0x38 to 0x3B.
The value to be programmed into the PWM max duty cycle
registers can be calculated as follows:
Value (decimal) = Desired PWM duty cycle/0.39
Example: For a PWM Max Duty Cycle of 90%
Value (decimal) = 90/0.39 = 230 decimal
Value = 230 decimal or E6 hex
The PWM max duty cycle registers have a default value of 0xFF,
which corresponds to a Logic 1 on the PWM output pin.
PWM Current Duty Cycle
In automatic fan control mode, the current PWM duty cycle for
each fan is recorded in the PWM current duty cycle registers,
(0x02 to 0x35). By reading these registers, the user can keep
track of the current duty cycle on each PWM output. During
fan start up, these registers report back 0x00.
If the FULLSPEED pin is activated, to blast the fans to the
maximum possible PWM ( logic high), the PWM current duty
cycle register is not updated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com