công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-ADT7470EBZ bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện EVAL-ADT7470EBZ
Giải thích chi tiết về linh kiện  Temperature Sensor Hub and Fan Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADT7470EBZ bảng dữ liệu(HTML) 4 Page - Analog Devices

  EVAL-ADT7470EBZ Datasheet HTML 1Page - Analog Devices EVAL-ADT7470EBZ Datasheet HTML 2Page - Analog Devices EVAL-ADT7470EBZ Datasheet HTML 3Page - Analog Devices EVAL-ADT7470EBZ Datasheet HTML 4Page - Analog Devices EVAL-ADT7470EBZ Datasheet HTML 5Page - Analog Devices EVAL-ADT7470EBZ Datasheet HTML 6Page - Analog Devices EVAL-ADT7470EBZ Datasheet HTML 7Page - Analog Devices EVAL-ADT7470EBZ Datasheet HTML 8Page - Analog Devices EVAL-ADT7470EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
ADT7470
Data Sheet
Rev. E | Page 4 of 40
SERIAL BUS TIMING SPECIFICATIONS
Table 2.
Parameter1, 2, 3, 4, 5
Min
Typ
Max
Unit
Test Conditions/Comments
SERIAL BUS TIMING
Clock Frequency, fSCLK
400
kHz
See Figure 2
Glitch Immunity, tSW
50
ns
See Figure 2
Bus Free Time, tBUF
1.3
μs
See Figure 2
Start Setup Time, tSU;STA
600
ns
See Figure 2
Start Hold Time, tHD;STA
600
ns
See Figure 2
SCL Low Time, tLOW
1.3
μs
See Figure 2
SCL High Time, tHIGH
0.6
μs
See Figure 2
SCL, SDA Rise Time, tr
300
ns
See Figure 2
SCL, SDA Fall Time, tf
300
ns
See Figure 2
Data Setup Time, tSU;DAT
100
ns
See Figure 2
Detect Clock Low Timeout, tTIMEOUT
25
28
31
ms
Can be optionally disabled,
via Configuration Register 1
(see Table 6)
1 VDD should never be floated in the presence of SCL/SDA activity. Charge injection can be sufficient to induce approximately 0.6 V on VDD.
2 All voltages are measured with respect to GND, unless otherwise specified.
3 Typical values are at %A = 25°C and represent the most likely parametric norm.
4 Logic inputs accept input high voltages up to 5 V even when the device is operating at supply voltages below 5 V.
5 Timing specifications are tested at logic levels of VIL = 0.8 V for a falling edge and VIH = 2.0 V for a rising edge.
SCL
SDA
PS
tBUF
tHD;STA
tHD;DAT
tHIGH
tSU;DAT
tHD;STA
tSU;STA
tSU;STO
tLOW
tR
tF
SP
Figure 2. Serial Bus Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com