công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-ADT7470EBZ bảng dữ liệu(PDF) 22 Page - Analog Devices

tên linh kiện EVAL-ADT7470EBZ
Giải thích chi tiết về linh kiện  Temperature Sensor Hub and Fan Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADT7470EBZ bảng dữ liệu(HTML) 22 Page - Analog Devices

Back Button EVAL-ADT7470EBZ Datasheet HTML 18Page - Analog Devices EVAL-ADT7470EBZ Datasheet HTML 19Page - Analog Devices EVAL-ADT7470EBZ Datasheet HTML 20Page - Analog Devices EVAL-ADT7470EBZ Datasheet HTML 21Page - Analog Devices EVAL-ADT7470EBZ Datasheet HTML 22Page - Analog Devices EVAL-ADT7470EBZ Datasheet HTML 23Page - Analog Devices EVAL-ADT7470EBZ Datasheet HTML 24Page - Analog Devices EVAL-ADT7470EBZ Datasheet HTML 25Page - Analog Devices EVAL-ADT7470EBZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
ADT7470
Data Sheet
Rev. E | Page 22 of 40
FAN SPEED MEASUREMENT
TACH INPUTS
Pin 6, Pin 7, Pin 4, and Pin 9 are open-drain tach inputs
intended for fan speed measurement.
Signal conditioning in the ADT7470 accommodates the slow
rise and fall times typical of fan tachometer outputs. The maxi-
mum input signal range is 0 V to 5 V, even where VCC is less
than 5 V. If these inputs are supplied from fan outputs that
exceed 0 V to 5 V, either resistive attenuation of the fan signal
or diode clamping must be included to keep inputs within an
acceptable range. Figure 20 to Figure 23 show circuits for most
common fan tach outputs.
If the fan tach output has a resistive pull-up to VCC, it can be
connected directly to the fan input, as shown in Figure 20.
12V
FAN SPEED
COUNTER
TACH
PULLUP
4.7k
TYP
TACH
OUTPUT
VCC
ADT7470
Figure 20. Fan with Tach Pull-Up to VCC
If the fan output has a resistive pull-up to 12 V (or other voltage
greater than 5 V), the fan output can be clamped with a Zener
diode, as shown in Figure 21. The Zener diode voltage should
be chosen so that it is greater than VIH of the tach input but less
than 5 V, allowing for the voltage tolerance of the Zener. A value
of between 3 V and 5 V is suitable.
12V
FAN SPEED
COUNTER
TACH
TACH
OUTPUT
ZD1*
ZENER
PULLUP
4.7k
TYP
*CHOOSE ZD1 VOLTAGE APPROX. 0.8
 V
CC
VCC
ADT7470
Figure 21. Fan with Tach.
Pull-Up to voltage > 5 V, for example, 12 V clamped with Zener diode.
If the fan output has a resistive pull-up to 12 V (or other voltage
greater than 5 V), the fan output can be clamped with a Zener
diode, as shown in Figure 21. The Zener diode voltage should
be chosen so that it is greater than VIH of the tach input but less
than 5 V, allowing for the voltage tolerance of the Zener. A value
of between 3 V and 5 V is suitable.
If the fan has a strong pull-up (less than 1 kΩ) to 12 V, or a
totem-pole output, a series resistor can be added to limit the
Zener current, as shown in Figure 22. Alternatively, a resistive
attenuator can be used, as shown in Figure 23.
R1 and R2 should be chosen such that
2 V < VPULL-UP × R2/(RPULL-UP + R1 + R2) < 5 V
The fan inputs have an input resistance of nominally 160 kΩ to
ground, which should be taken into account when calculating
resistor values.
With a pull-up voltage of 12 V and pull-up resistor less than
1 kΩ, suitable values for R1 and R2 are 100 kΩ and 47 kΩ.
This gives a high input voltage of 3.83 V.
12V
FAN SPEED
COUNTER
TACH
PULLUP
TYP. <1k
OR TOTEM-POLE
ZD1
ZENER*
R1
10k
TACH
O/P
*CHOOSE ZD1 VOLTAGE APPROX. 0.8
 V
CC
VCC
ADT7470
Figure 22. Fan with Strong Tach.
Pull-Up to > VCC or Totem-Pole Output, Clamped with Zener and Resistor.
12V
FAN SPEED
COUNTER
TACH
TACH
OUTPUT
R1*
R2*
<1k
VCC
*SEE TEXT
ADT7470
Figure 23. Fan with Strong Tach.
Pull-Up to > VCC or Totem-Pole Output, Attenuated with R1/R2.
Pulse Stretching
Pulse stretching of the PWM output is performed automatically
in low frequency fan drive mode, to ensure that sufficient tach
readings are taken from the fan.
However, in high frequency fan drive mode, pulse stretching is
disabled. If using 3-wire fans this mode, care should be taken to
ensure that incomplete tach information does not occur at low
PWM duty cycles, or short PWM pulse widths.
Disabling Tach measurement
The tach measurement for each fan can be disabled by writing
to Configuration Register 2 Bits[3:0], at Address 0x74.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com