| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EVAL-ADT7470EBZ bảng dữ liệu(PDF) 17 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
EVAL-ADT7470EBZ bảng dữ liệu(HTML) 17 Page - Analog Devices |
|
17 / 40 page ![]() Data Sheet ADT7470 Rev. E | Page 17 of 40 STATUS REGISTERS The results of limit comparisons are stored in Status Register 1 and Status Register 2. The status register bit for each channel reflects the status of the last measurement and limit comparison on that channel. If a measurement is within limits, the corre- sponding status register bit is cleared to 0. If the measurement is out of limit, the corresponding status register bit is set to 1. The state of the various measurement channels can be polled by reading the status registers over the serial bus. When Bit 7 (OOL) of Status Register 1 (Register 0x41) is a 1, an out-of-limit event has been flagged in Status Register 2. This means that Status Register 2 must be read only when the OOL bit is set. Reading the status registers clears the appropriate status bit as long as the error condition that caused the interrupt has cleared. Status register bits are sticky. Whenever a status bit is set, indicating an out-of-limit condition, it remains set even if the event that caused it has gone away (until read). The only way to clear the status bit is to read the status register when the event has gone away. Interrupt status mask registers (Register 0x72 and Register 0x73) allow individual interrupt sources to be masked from causing an SMBALERT. However, if one of these masked interrupt sources goes out of limit, its associated status bit is still set in the interrupt status registers. This allows the device to be periodically polled to determine if an error condition has subsided, without unnecessarily tying up precious system resources handling interrupt service routines. The issue is that the device could potentially interrupt the system every monitoring cycle (< 1 sec) as long as a measurement parameter remains out of limit. Masking eliminates unwanted system interrupts. The OOL bit (Register 0x41 Bit[7]), and the NORM bit (Register 0x42 Bit[3]) do not activate SMBALERT. Table 12. Interrupt Status Register 1 (Register 0x41) Bit No. Mnemonic Description 7 OOL A 1 denotes that a bit in Status Register 2 is set and Status Register 2 should now be read. 6 R7T A 1 indicates that TMP05 Temperature 7 high or low limit has been exceeded. 5 R6T A 1 indicates that TMP05 Temperature 6 high or low limit has been exceeded. 4 R5T A 1 indicates that TMP05 Temperature 5 high or low limit has been exceeded. 3 R4T A 1 indicates that TMP05 Temperature 4 high or low limit has been exceeded. 2 R3T A 1 indicates that TMP05 Temperature 3 high or low limit has been exceeded. 1 R2T A 1 indicates that TMP05 Temperature 2 high or low limit has been exceeded. 0 R1T A 1 indicates that TMP05 Temperature 1 high or low limit has been exceeded. Table 13. Interrupt Status Register 2 (Register 0x42) Bit No. Mnemonic Description 7 Fan 4 A 1 indicates that Fan 4 has dropped below minimum speed or is above maximum speed. 6 Fan 3 A 1 indicates that Fan 3 has dropped below minimum speed or is above maximum speed. 5 Fan 2 A 1 indicates that Fan 2 has dropped below minimum speed or is above maximum speed. 4 Fan 1 A 1 indicates that Fan 1 has dropped below minimum speed or is above maximum speed. 3 NORM A 1 indicates that the temperatures are below TMIN and that the fans are supposed to be off. 2 R10T A 1 indicates that TMP05 Temperature 10 high or low limit has been exceeded. 1 R9T A 1 indicates that TMP05 Temperature 9 high or low limit has been exceeded. 0 R8T A 1 indicates that TMP05 Temperature 8 high or low limit has been exceeded. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |