| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA381BWS bảng dữ liệu(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA381BWS bảng dữ liệu(HTML) 27 Page - STMicroelectronics |
|
27 / 171 page ![]() STA381BWS Device overview Doc ID 018937 Rev 6 27/171 ● 2.0 output with B2DRC (Figure 6): the mixer and the eighth biquadratic filter are used to divide the channel into two sub-bands, then each sub-band is independently processed by a DRC block. The two bands are then re-composed and fed to the following processing blocks. The crossover frequency is user-selectable. This configuration and features ensure the backward compatibility with the previous Sound Terminal® products. For further information please refer to Chapter 6.11.1: Dual-band DRC. Figure 6. Processing path, second part: 2.0 output with B2DRC ● 2.1 output with STCompressorTM (Figure 7): the STA381BWS embeds the latest, state- of-the-art multi-band dynamic, range compressor, called STCompressorTM. When using this configuration, up to 10 biquad filters are available for dedicated processing. Please refer to Section 4.3: STCompressorTM for further information about this feature. Figure 7. Processing path, second part: 2.1 output configuration with STCompressorTM Crossover Frequency Determined by XO Setting (User Defined If XO=0000) C1Mx1 User-Defined Mix Coefficients + B2DRC Hi-pass XO filter DC Cut Filter C1Mx2 L R C2Mx1 + B2DRC Hi-pass XO filter C2Mx2 C3Mx1 + C3Mx2 - Channel 1 Volume DRC 1 Channel 3 Volume DRC 2 Post Scale ++ - + DC Cut Filter Channel 3 Volume DRC 2 Channel 2 Volume DRC 1 Post Scale + Crossover Frequency Determined by XO Setting (User Defined If XO=0000) C1Mx1 User-Defined Mix Coefficients + Channel ½ Biquad#8 -------------- Hi-pass XO Filter STCompressor Volume And Limiter DC Cut Filter Post Scale C1Mx2 L R C2Mx1 + Channel ½ Biquad#8 -------------- Hi-pass XO Filter STCompressor Volume And Limiter DC Cut Filter Post Scale C2Mx2 C3Mx1 + Channel 3 Biquad#8 -------------- Low-pass XO filter Volume And Limiter DC Cut Filter Post Scale C3Mx2 |