| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA381BWS bảng dữ liệu(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA381BWS bảng dữ liệu(HTML) 53 Page - STMicroelectronics |
|
53 / 171 page ![]() STA381BWS Register description: New Map Doc ID 018937 Rev 6 53/171 2.1 channels, two half-bridges + one full-bridge (OPER = 11) ● FFX1A -> OUT1A ● FFX2A -> OUT1B ● FFX3A -> OUT2A ● FFX3B -> OUT2B ● FFX1A -> OUT3A ● FFX1B -> OUT3B ● FFX2A -> OUT4A ● FFX2B -> OUT4B ● FFX1A/1B configured as binary ● FFX2A/2B configured as binary ● FFX3A/3B configured as binary ● FFX4A/4B is not used In this configuration, channel 3 has full control (volume, EQ, etc…). On OUT3/OUT4 channels, channel 1 and channel 2 PWM are replicated. In this configuration the PWM slot phase is the following as shown in Figure 22. Figure 22. 2.1 channels (OPER = 11) PWM slots OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT4A OUT4B OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT4A OUT4B OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT4A OUT4B OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT4A OUT4B OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT4A OUT4B |