| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA381BWS bảng dữ liệu(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA381BWS bảng dữ liệu(HTML) 52 Page - STMicroelectronics |
|
52 / 171 page ![]() Register description: New Map STA381BWS 52/171 Doc ID 018937 Rev 6 For each configuration the PWM signals from the digital driver are mapped in different ways to the power stage. 2.0 channels, two full-bridges (OPER = 00) ● FFX1A -> OUT1A ● FFX1B -> OUT1B ● FFX2A -> OUT2A ● FFX2B -> OUT2B ● FFX3A -> OUT3A ● FFX3B -> OUT3B ● FFX4A -> OUT4A ● FFX4B -> OUT4B ● FFX1A/1B configured as ternary ● FFX2A/2B configured as ternary ● FFX3A/3B configured as line out ternary ● FFX4A/4B configured as line out ternary On channel 3 line out (LOC bits = 00, reg 0x17 bit D7,D6) the same data as channel 1 processing is sent. On channel 4 line out (LOC bits = 00) the same data as channel 2 processing is sent. In this configuration, neither volume control nor EQ has any effect on channels 3 and 4. In this configuration the PWM slot phase is the following as shown in Figure 21. Figure 21. 2.0 channels (OPER = 00) PWM slots OUT1A OUT1B OUT2A OUT2B OUT3A OUT3B OUT4A OUT4B OUT1A OUT1B OUT2A OUT2B OUT3A OUT3B OUT4A OUT4B |