| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA381BWS bảng dữ liệu(PDF) 87 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA381BWS bảng dữ liệu(HTML) 87 Page - STMicroelectronics |
|
87 / 171 page ![]() STA381BWS Register description: New Map Doc ID 018937 Rev 6 87/171 6.27 PLL configuration registers (address 0x52; 0x53; 0x54; 0x55; 0x56; 0x57) By default, the STA381BWS is able to configure the embedded PLL automatically depending on the MCS bits (reg 0x00). For certain applications and to provide flexibility to the user, a manual PLL configuration can be used (setting PLL_DIRP to ‘1’) The output PLL frequency formula is: where Fin is the input clock frequency from the pad. D7 D6 D5 D4 D3 D2 D1 D0 PLL_FRAC[15:8] 00 00 00 0 0 D7 D6 D5 D4 D3 D2 D1 D0 PLL_FRAC[7:0] 00 00 00 0 0 D7 D6 D5 D4 D3 D2 D1 D0 PLL_DITH[1:0] PLL_NDIV[5:0] 00 00 00 0 0 D7 D6 D5 D4 D3 D2 D1 D0 PLL_DPD PLL_FCT PLL_STB PLL_STBBYP PLL_IDIV[3:0] 00 00 00 0 0 D7 D6 D5 D4 D3 D2 D1 D0 Reserved Reserved PLL_DIRP PLL_PWD PLL_BYP OSC_PD Reserved BOOST32K 00 00 00 0 0 D7 D6 D5 D4 D3 D2 D1 D0 Reserved Reserved Reserved Reserved BYPSTATE PDSTATE OSCOK LOWCK NA NA NA NA NA NA NA NA Table 80. PLL factors PLL parameter Min Max FRAC 0 65535 IDIV 0 3 NDIV 5 55 Fin NDIV () IDIV 1 + () --------------------------- FRAC 65536 ----------------- ⎝⎠ ⎛⎞ + ⎝⎠ ⎛⎞ × |