| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA381BWS bảng dữ liệu(PDF) 119 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA381BWS bảng dữ liệu(HTML) 119 Page - STMicroelectronics |
|
119 / 171 page ![]() STA381BWS Register description: Sound Terminal compatibility Doc ID 018937 Rev 6 119/171 2.1 channels, two half-bridges + one full-bridge (OCFG = 01) ● FFX1A -> OUT1A ● FFX2A -> OUT1B ● FFX3A -> OUT2A ● FFX3B -> OUT2B ● FFX1A -> OUT3A ● FFX1B -> OUT3B ● FFX2A -> OUT4A ● FFX2B -> OUT4B ● FFX1A/1B configured as binary ● FFX2A/2B configured as binary ● FFX3A/3B configured as binary ● FFX4A/4B is not used In this configuration, channel 3 has full control (volume, EQ, etc…). On OUT3/OUT4 channels channel 1 and channel 2 PWM are replicated. In this configuration the PWM slot phase is the following as shown in Figure 37. Figure 37. 2.1 channels (OCFG = 01) PWM slots OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT4A OUT4B OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT4A OUT4B OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT4A OUT4B OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT4A OUT4B OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT4A OUT4B |