công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN8P1702AP bảng dữ liệu(PDF) 61 Page - SONiX Technology Company

tên linh kiện SN8P1702AP
Giải thích chi tiết về linh kiện  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1702AP bảng dữ liệu(HTML) 61 Page - SONiX Technology Company

Back Button SN8P1702AP Datasheet HTML 57Page - SONiX Technology Company SN8P1702AP Datasheet HTML 58Page - SONiX Technology Company SN8P1702AP Datasheet HTML 59Page - SONiX Technology Company SN8P1702AP Datasheet HTML 60Page - SONiX Technology Company SN8P1702AP Datasheet HTML 61Page - SONiX Technology Company SN8P1702AP Datasheet HTML 62Page - SONiX Technology Company SN8P1702AP Datasheet HTML 63Page - SONiX Technology Company SN8P1702AP Datasheet HTML 64Page - SONiX Technology Company SN8P1702AP Datasheet HTML 65Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 61
Revision 0.5
TC0 TIMER COUNTER OPERATION SEQUENCE
The TC0 timer counter’s sequence of operation can be following.
Set the TC0C initial value to setup the interval time.
Set the TC0ENB to be “1” to enable TC0 timer counter.
TC0C is incremented by one with each clock pulse which frequency is corresponding to TC0M selection.
TC0C overflow when TC0C from FFH to 00H.
When TC0C overflow occur, the TC0IRQ flag is set to be “1” by hardware.
Execute the interrupt service routine.
Users reset the TC0C value and resume the TC0 timer operation.
Example: Setup the TC0M and TC0C without auto-reload function. (TC0_Counter=8-bit)
B0BCLR
FTC0X8
;
B0BCLR
FTC0IEN
; To disable TC0 interrupt service
B0BCLR
FTC0ENB
; To disable TC0 timer
MOV
A,#20H
;
B0MOV
TC0M,A
; To set TC0 clock = Fcpu / 64
MOV
A,#74H
; To set TC0C initial value = 74H
B0MOV
TC0C,A
;(To set TC0 interval = 10 ms)
B0BSET
FTC0IEN
; To enable TC0 interrupt service
B0BCLR
FTC0IRQ
; To clear TC0 interrupt request
B0BSET
FTC0ENB
; To enable TC0 timer
Example: Setup the TC0M and TC0C with auto-reload function. (TC0_Counter=8-bit)
B0BCLR
FTC0X8
; To select TC0=Fcpu/2 as clock source
B0BCLR
FTC0IEN
; To disable TC0 interrupt service
B0BCLR
FTC0ENB
; To disable TC0 timer
MOV
A,#20H
;
B0MOV
TC0M,A
; To set TC0 clock = Fcpu / 64
MOV
A,#74H
; To set TC0C initial value = 74H
B0MOV
TC0C,A
; (To set TC0 interval = 10 ms)
B0MOV
TC0R,A
; To set TC0R auto-reload register
B0BSET
FTC0IEN
; To enable TC0 interrupt service
B0BCLR
FTC0IRQ
; To clear TC0 interrupt request
B0BSET
FTC0ENB
; To enable TC0 timer
B0BSET
ALOAD0
; To enable TC0 auto-reload function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com