công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN8P1702AP bảng dữ liệu(PDF) 19 Page - SONiX Technology Company

tên linh kiện SN8P1702AP
Giải thích chi tiết về linh kiện  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1702AP bảng dữ liệu(HTML) 19 Page - SONiX Technology Company

Back Button SN8P1702AP Datasheet HTML 15Page - SONiX Technology Company SN8P1702AP Datasheet HTML 16Page - SONiX Technology Company SN8P1702AP Datasheet HTML 17Page - SONiX Technology Company SN8P1702AP Datasheet HTML 18Page - SONiX Technology Company SN8P1702AP Datasheet HTML 19Page - SONiX Technology Company SN8P1702AP Datasheet HTML 20Page - SONiX Technology Company SN8P1702AP Datasheet HTML 21Page - SONiX Technology Company SN8P1702AP Datasheet HTML 22Page - SONiX Technology Company SN8P1702AP Datasheet HTML 23Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 19
Revision 0.5
Example 2: The demo program includes interrupt service routine and the address of interrupt service
routine is in a special address of general-purpose area.
CHIP SN8P1702A
ORG
0
; 0000H
JMP
START
; Jump to user program address.
.
; 0001H ~ 0007H are reserved
ORG
08
JMP
MY_IRQ
; 0008H, Jump to interrupt service routine address
ORG
10H
START:
; 0010H, The head of user program.
.
; User program
.
.
.
JMP
START
; End of user program
MY_IRQ:
; The head of interrupt service routine
B0XCH
A, ACCBUF
; B0XCH doesn’t change C, Z flag
B0MOV
A, PFLAG
B0MOV
PFLAGBUF, A
; Save PFLAG register in a buffer
.
.
.
B0MOV
A, PFLAGBUF
B0MOV
PFLAG, A
; Restore PFLAG register from buffer
B0XCH
A, ACCBUF
; B0XCH doesn’t change C, Z flag
RETI
; End of interrupt service routine
ENDP
; End of program
Remark: It is easy to get the rules of SONIX program from demo programs given above. These points are
as following.
1. The address 0000H is a “JMP” instruction to make the program go to general-purpose ROM area. The
0004H~0007H are reserved. Users have to skip 0004H~0007H addresses. It is very important and
necessary.
2. The interrupt service starts from 0008H. Users can put the whole interrupt service routine from 0008H
(Example1) or to put a “JMP” instruction in 0008H then place the interrupt service routine in other
general-purpose ROM area (Example2) to get more modularized coding style.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com