công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN8P1702AP bảng dữ liệu(PDF) 94 Page - SONiX Technology Company

tên linh kiện SN8P1702AP
Giải thích chi tiết về linh kiện  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1702AP bảng dữ liệu(HTML) 94 Page - SONiX Technology Company

Back Button SN8P1702AP Datasheet HTML 90Page - SONiX Technology Company SN8P1702AP Datasheet HTML 91Page - SONiX Technology Company SN8P1702AP Datasheet HTML 92Page - SONiX Technology Company SN8P1702AP Datasheet HTML 93Page - SONiX Technology Company SN8P1702AP Datasheet HTML 94Page - SONiX Technology Company SN8P1702AP Datasheet HTML 95Page - SONiX Technology Company SN8P1702AP Datasheet HTML 96Page - SONiX Technology Company SN8P1702AP Datasheet HTML 97Page - SONiX Technology Company SN8P1702AP Datasheet HTML 98Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 94
Revision 0.5
1
1
11
1
14-CHANNELANALOG TO DIGITAL
CONVERTER
OVERVIEW
This analog to digital converter of SN8P1702A/SN8P1703A has 4-input sources with up to 4096-step resolution to
transfer analog signal into 12-bits digital data. The sequence of ADC operation is to select input source (AIN0 ~ AIN3)
at first, then set GCHS and ADS bit to “1” to start conversion. When the conversion is complete, the ADC circuit will set
EOC bit to “1” and final value output in ADB register. This ADC circuit can select between 8-bit and 12-bit resolution
operation by programming ADLEN bit in ADR register.
Figure 11-1. AD Converter Function Diagram
Note: For 8-bit resolution, the conversion time is 12 steps.
For 12-bit resolution, the conversion time is 16 steps.
Note: The analog input level must be between the AVREFH and VSS.
Note: The AVREFH level must be between the VDD and VSS+1.2V.
A/D
CONVERTER
(ADC)
8/12
AIN0/P4.0
AIN2/P4.2
AIN3/P4.3
AIN1/P4.1
A/D
CONVERTER
(ADC)
8/12
8/12
AIN0/P4.0
AIN0/P4.0
AIN2/P4.2
AIN2/P4.2
AIN3/P4.3
AIN3/P4.3
AIN1/P4.1
AIN1/P4.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com