công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN8P1702AP bảng dữ liệu(PDF) 43 Page - SONiX Technology Company

tên linh kiện SN8P1702AP
Giải thích chi tiết về linh kiện  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1702AP bảng dữ liệu(HTML) 43 Page - SONiX Technology Company

Back Button SN8P1702AP Datasheet HTML 39Page - SONiX Technology Company SN8P1702AP Datasheet HTML 40Page - SONiX Technology Company SN8P1702AP Datasheet HTML 41Page - SONiX Technology Company SN8P1702AP Datasheet HTML 42Page - SONiX Technology Company SN8P1702AP Datasheet HTML 43Page - SONiX Technology Company SN8P1702AP Datasheet HTML 44Page - SONiX Technology Company SN8P1702AP Datasheet HTML 45Page - SONiX Technology Company SN8P1702AP Datasheet HTML 46Page - SONiX Technology Company SN8P1702AP Datasheet HTML 47Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 43
Revision 0.5
OSCM REGISTER DESCRIPTION
The OSCM register is a oscillator control register. It can control oscillator select, system mode, watchdog timer clock
source and rate.
OSCM initial value = 000x 000x
0CAH
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
OSCM
WTCKS
WDRST
Wdrate
CPUM1
CPUM0
CLKMD
STPHX
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
-
Bit1
STPHX: External high-speed oscillator control bit.
0 = free run,
1 = stop.
Note: This bit only controls external high-speed oscillator. If STPHX=1, the internal low-speed RC
oscillator is still running.
Bit2
CLKMD: System high/Low speed mode select bit.
0 = normal (dual) mode,
1 = slow mode.
Bit[4:3] CPUM[1:0]: CPU operating mode control bit.
00 = normal,
01 = sleep (power down) mode,
10 = green mode,
11 = reserved.
Bit5
Wdrate: Watchdog timer rate select bit.
0 = Fcpu
÷ 214
1 = Fcpu
÷ 28
(The detail information is in watchdog timer chapter.)
Bit6
WDRST: Watchdog timer reset bit.
0 = Non reset,
1 = clear the watchdog timer’s counter.
(The detail information is in watchdog timer chapter.)
Bit7
WTCKS: Watchdog clock source select bit.
0 = Fcpu,
1 = internal RC low clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com