công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN8P1702AP bảng dữ liệu(PDF) 51 Page - SONiX Technology Company

tên linh kiện SN8P1702AP
Giải thích chi tiết về linh kiện  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1702AP bảng dữ liệu(HTML) 51 Page - SONiX Technology Company

Back Button SN8P1702AP Datasheet HTML 47Page - SONiX Technology Company SN8P1702AP Datasheet HTML 48Page - SONiX Technology Company SN8P1702AP Datasheet HTML 49Page - SONiX Technology Company SN8P1702AP Datasheet HTML 50Page - SONiX Technology Company SN8P1702AP Datasheet HTML 51Page - SONiX Technology Company SN8P1702AP Datasheet HTML 52Page - SONiX Technology Company SN8P1702AP Datasheet HTML 53Page - SONiX Technology Company SN8P1702AP Datasheet HTML 54Page - SONiX Technology Company SN8P1702AP Datasheet HTML 55Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 51
Revision 0.5
WAKEUP TIME
OVERVIEW
The external high-speed oscillator needs a delay time from stopping to operating. The delay is very necessary and
makes the oscillator to work stably. Some conditions during system operating, the external high-speed oscillator often
runs and stops. Under these conditions, the delay time for external high-speed oscillator restart is called wakeup time.
There are two conditions need wakeup time. One is power down mode to normal mode. The other one is slow mode to
normal mode. For the first case, SN8P1702A/SN8P1703A provides 2048 oscillator clocks to be the wakeup time. But in
the last case, users need to make the wakeup time by themselves.
HARDWARE WAKEUP
When the system is in power down mode (sleep mode), the external high-speed oscillator stops. When waked up from
power down mode, MCU waits for 2048 external high-speed oscillator clocks as the wakeup time to stable the oscillator
circuit. After the wakeup time, the system goes into the normal mode. The value of the wakeup time is as the following.
The Wakeup time = 1/Fosc * 2048 (sec) + X’tal settling time
The x’tal settling time is depended on the x’tal type. Typically, it is about 2~4mS.
Example: In power down mode (sleep mode), the system is waked up by P0 or P1 trigger signal. After the
wakeup time, the system goes into normal mode. The wakeup time of P0, P1 wakeup function is
as the following.
The wakeup time = 1/Fosc * 2048 = 0.57 ms
(Fosc = 3.58MHz)
The total wakeup time = 0.57ms + x’tal settling time
Under power down mode (sleep mode), there are only I/O ports with wakeup function wake the system up to normal
mode. The Port 0 and Port 1 have wakeup function. Port 0 wakeup function always enables, but the Port 1 is controlled
by the P1W register.
P1W initial value = xxxx xx00
0C0H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P1W
0
0
0
0
0
0
P11W
P10W
-
-
-
-
-
-
W
W
Bit[1:0]
P11W,P10W:Port 1 wakeup function control bits.
0 = Disable each pin of Port1 wakeup function,
1 = Enable each pin of Port 1 wakeup function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com