công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN8P1702AP bảng dữ liệu(PDF) 18 Page - SONiX Technology Company

tên linh kiện SN8P1702AP
Giải thích chi tiết về linh kiện  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1702AP bảng dữ liệu(HTML) 18 Page - SONiX Technology Company

Back Button SN8P1702AP Datasheet HTML 14Page - SONiX Technology Company SN8P1702AP Datasheet HTML 15Page - SONiX Technology Company SN8P1702AP Datasheet HTML 16Page - SONiX Technology Company SN8P1702AP Datasheet HTML 17Page - SONiX Technology Company SN8P1702AP Datasheet HTML 18Page - SONiX Technology Company SN8P1702AP Datasheet HTML 19Page - SONiX Technology Company SN8P1702AP Datasheet HTML 20Page - SONiX Technology Company SN8P1702AP Datasheet HTML 21Page - SONiX Technology Company SN8P1702AP Datasheet HTML 22Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 18
Revision 0.5
USER RESET VECTOR ADDRESS (0000H)
A 1-word vector address area is used to execute system reset. After power on reset or watchdog timer overflow reset,
then the chip will restart the program from address 0000h and all system registers will be set as default values. The
following example shows the way to define the reset vector in the program memory.
Example: After power on reset, external reset active or reset by watchdog timer overflow.
CHIP SN8P1702A
ORG
0
; 0000H
JMP
START
; Jump to user program address.
.
; 0001H ~ 0007H are reserved
ORG
10H
START:
; 0010H, The head of user program.
.
; User program
.
.
.
ENDP
; End of program
INTERRUPT VECTOR ADDRESS (0008H)
A 1-word vector address area is used to execute interrupt request. If any interrupt service is executed, the program
counter (PC) value is stored in stack buffer and points to 0008h of program memory to execute the vectored interrupt.
Users have to define the interrupt vector. The following example shows the way to define the interrupt vector in the
program memory.
Example 1: This demo program includes interrupt service routine and the user program is behind the
interrupt service routine.
CHIP SN8P1702A
ORG
0
; 0000H
JMP
START
; Jump to user program address.
.
; 0001H ~ 0007H are reserved
ORG
8
; Interrupt service routine
B0XCH
A, ACCBUF
; B0XCH doesn’t change C, Z flag
B0MOV
A, PFLAG
B0MOV
PFLAGBUF, A
; Save PFLAG register in a buffer
.
.
.
B0MOV
A, PFLAGBUF
B0MOV
PFLAG, A
; Restore PFLAG register from buffer
B0XCH
A, ACCBUF
; B0XCH doesn’t change C, Z flag
RETI
; End of interrupt service routine
START:
; The head of user program.
.
; User program
.
.
.
JMP
START
; End of user program
ENDP
; End of program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com