| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN8P1702AP bảng dữ liệu(PDF) 15 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8P1702AP bảng dữ liệu(HTML) 15 Page - SONiX Technology Company |
|
15 / 112 page ![]() Preliminary SN8P1702A/SN8P1703A 8-bit micro-controller build-in 12-bit ADC SONiX TECHNOLOGY CO., LTD Page 15 Revision 0.5 PIN DESCRIPTIONS PIN NAME TYPE DESCRIPTION VDD, VSS P Power supply input pins for digital circuit. RST I System reset input pin. Schmitt trigger structure, active “low”, normal stay to “high”. XIN, XOUT I, O External oscillator pins. RC mode from XIN. P0.0 / INT0 I Port 0.0 and shared with INT0 trigger pin (Schmitt trigger) / Built-in pull-up resisters. P1.0 ~ P1.1 I/O Port 1.0~Port 1.1 bi-direction pins / Built-in pull-up resisters. P4.0 ~ P4.3 I/O Port 4.0~Port 4.3 bi-direction pins / Built-in pull-up resisters. P5.0~P5.2, P5.5 I/O Port 5.0~Port 5.2, P5.5 bi-direction pins / Built-in pull-up resisters. P5.3 / BZ1 / PWM1 I/O Port 5.3 bi-direction pin, TC1÷2 signal output pin for buzzer or PWM1 output pin. Built-in pull-up resisters. P5.4 / BZ0 / PWM0 I/O Port 5.4 bi-direction pin, TC0÷2 signal output pin for buzzer or PWM0 output pin. Built-in pull-up resisters. AVREFH I A/D converter high analog reference voltage. AIN0 ~ AIN3 I Analog signal input pins for ADC converter. Table 1-3. Pin Description PIN CIRCUIT DIAGRAMS Figure 1-2. Pin Circuit Diagram Note: All of the latch output circuits are push-pull structures. Port0 structure PUR Pin Int. bus PUR PnM Pin Int. bus PnM Latch Port1, 4, 5 structure PnM Port0 structure PUR Pin Int. bus PUR PnM Pin Int. bus PnM Latch Port1, 4, 5 structure PnM |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |