| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EDJ8232B5MB bảng dữ liệu(PDF) 29 Page - Elpida Memory |
|
|
|||||||||||||||||||||||||||||
EDJ8232B5MB bảng dữ liệu(HTML) 29 Page - Elpida Memory |
|
29 / 142 page ![]() EDJ8232B5MB Data Sheet E1825E30 (Ver. 3.0) 29 ODT Measurement Definitions Definitions for tAON, tAONPD, tAOF, tAOFPD and tADC are provided in the following table and subsequent figures. Symbol Begin Point Definition End Point Definition Figure tAON Rising edge of CK - /CK defined by the end point of ODTLon Extrapolated point at VSSQ Figure a) tAONPD Rising edge of CK - /CK with ODT being first registered high Extrapolated point at VSSQ Figure b) tAOF Rising edge of CK - /CK defined by the end point of ODTLoff End point: Extrapolated point at VRTT_Nom Figure c) tAOFPD Rising edge of CK - /CK with ODT being first registered low End point: Extrapolated point at VRTT_Nom Figure d) tADC Rising edge of CK - /CK defined by the end point of ODTLcnw, ODTLcwn4 or ODTLcwn8 End point: Extrapolated point at VRTT_WR and VRTT_Nom respectively Figure e) Reference Settings for ODT Timing Measurements Measurement reference settings are provided in the following Table. Measured Parameter RTT_Nom Setting RTT_WR Setting VSW1 [V] VSW2 [V] Note tAON RZQ/4 N/A 0.05 0.10 RZQ/12 N/A 0.10 0.20 tAONPD RZQ/4 N/A 0.05 0.10 RZQ/12 N/A 0.10 0.20 tAOF RZQ/4 N/A 0.05 0.10 RZQ/12 N/A 0.10 0.20 tAOFPD RZQ/4 N/A 0.05 0.10 RZQ/12 N/A 0.10 0.20 tADC RZQ/12 RZQ/2 0.20 0.30 CK Begin point: Rising edge of CK - /CK defined by the end point of ODTLon End point: Extrapolated point at VSSQ tAON tSW2 VSW2 VSW1 tSW1 /CK VSSQ DQ, DM DQS, /DQS VTT VSSQ a) Definition of tAON |