| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EDJ8232B5MB bảng dữ liệu(PDF) 45 Page - Elpida Memory |
|
|
|||||||||||||||||||||||||||||
EDJ8232B5MB bảng dữ liệu(HTML) 45 Page - Elpida Memory |
|
45 / 142 page ![]() EDJ8232B5MB Data Sheet E1825E30 (Ver. 3.0) 45 Electrical Specifications DC Characteristics 1 (TC = 0 C to +85C, VDD, VDDQ = 1.5V 0.075V) 32 Parameter Symbol Data rate (Mbps) max. Unit Notes Operating current (ACT-PRE) IDD0 1600 1333 150 140 mA Operating current (ACT-READ-PRE) IDD1 1600 1333 190 180 mA IDD2P1 1600 1333 70 70 mA Fast PD Exit Precharge power-down standby current IDD2P0 1600 1333 40 40 mA Slow PD Exit Precharge standby current IDD2N 1600 1333 90 90 mA Precharge standby ODT current IDD2NT 1600 1333 90 90 mA Precharge quiet standby current IDD2Q 1600 1333 90 90 mA Active power-down current (Always fast exit) IDD3P 1600 1333 78 74 mA Active standby current IDD3N 1600 1333 110 110 mA Operating current (Burst read operating) IDD4R 1600 1333 320 290 mA Operating current (Burst write operating) IDD4W 1600 1333 370 340 mA Burst refresh current IDD5B 1600 1333 500 500 mA All bank interleave read current IDD7 1600 1333 500 460 mA RESET low current IDD8 30 mA |