| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EDJ8232B5MB bảng dữ liệu(PDF) 98 Page - Elpida Memory |
|
|
|||||||||||||||||||||||||||||
EDJ8232B5MB bảng dữ liệu(HTML) 98 Page - Elpida Memory |
|
98 / 142 page ![]() EDJ8232B5MB Data Sheet E1825E30 (Ver. 3.0) 98 READ WRIT NOP /CK CK T0 T4 T3 T6 T8 T10 T12 T5 T7 T9 T11 T13 T14 T15 Command*3 DQS, /DQS RL = 5 READ to WRIT command delay = RL + tCCD + 2tCK WL tRPRE tWPRE WL = 5 tBL = 4 clocks tWR Bank Col n Bank Col b Notes: 1. BL8, RL = 5 (CL = 5, AL = 0), WL = 5 (CWL = 5, AL = 0). 2. Dout n = data-out from column n, Din b= data-in from column b. 3. NOP commands are shown for ease of illustration; other commands may be valid at these times. 4. BL8 setting activated by MR0 bit [A1, A0] = [0, 0] or MR0 bit [A1, A0] = [0, 1] and A12 = 1 during READ command at T0 and WRIT command T6. VIH or VIL Address*4 NOP tWTR DQ*2 tRPST Dout n+2 Dout n+3 Dout n+4 Dout n+5 Dout n+6 Dout n+7 Dout n Dout n+1 Din b+2 Din b+3 Din b+4 Din b+5 Din b+6 Din b+7 Din b+1 Din b tWPST Read (BL8) to Write (BL8) READ WRIT NOP /CK CK T0 T4 T3 T6 T8 T10 T12 T5 T7 T9 T11 T13 T14 T15 Command*3 DQS, /DQS RL = 5 READ to WRIT Command delay = RL + tCCD/2 + 2tCK WL tRPRE tWPRE WL = 5 tBL = 4 clocks Bank Col n Bank Col b Notes: 1. BC4, RL = 5 (CL = 5, AL = 0), WL = 5 (CWL = 5, AL = 0). 2. Dout n = data-out from column n, Din b= data-in from column b. 3. NOP commands are shown for ease of illustration; other commands may be valid at these times. 4. BC4 setting activated by MR0 bit [A1, A0] = [0, 1] and A12 = 0 during READ command at T0 and WRIT command T4. VIH or VIL Address*4 NOP DQ*2 tRPST Dout n+2 Dout n+3 Dout n Dout n+1 Din b+2 Din b+3 Din b+1 Din b tWPST tWR tWTR Read (BC4) to Write (BC4) OTF |