công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT16K33 bảng dữ liệu(PDF) 45 Page - Holtek Semiconductor Inc

tên linh kiện HT16K33
Giải thích chi tiết về linh kiện  RAM Mapping 16*8 LED Controller Driver with keyscan
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16K33 bảng dữ liệu(HTML) 45 Page - Holtek Semiconductor Inc

Back Button HT16K33 Datasheet HTML 39Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 40Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 41Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 42Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 43Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 44Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 45Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 46Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 47Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 45 / 47 page
background image
Rev. 1.10
4�
�a� 1�� �011
Rev. 1.10
43
�a� 1�� �011
HT16K33
RAM Mapping 16*8 LED Controller Driver with keyscan
Carrier Tape Dimensions
Carrier Tape Dimensions
SOP 28W (300mil)
Symbol
Description
Dimensions in mm
W
Carrier Tape Width
24.0±0.3
P
Cavity Pitch
12.0±0.1
E
Perforation Position
1.75±0.10
F
Cavity to Perforation (Width Direction)
11.5±0.1
D
Perforation Diameter
1.5
+0.1/-0.0
D1
Cavity Hole Diameter
1.50
+0.25/-0.00
P0
Perforation Pitch
4.0±0.1
P1
Cavity to Perforation (Length Direction)
2.0±0.1
A0
Cavity Length
10.85±0.10
B0
Cavity Width
18.34±0.10
K0
Cavity Depth
2.97±0.10
t
Carrier Tape Thickness
0.35±0.01
C
Cover Tape Width
21.3±0.1
Package Information
3
April 1, 2010
P
D
1
W
P
1
P
0
D
E
F
t
K
0
B
0
A
0
C
I C
p
a
c
k
a
g
e
p
i n
1
a
n
d
t h
e
r e
e
l
h
o
l e
s
a
r e
l o
c
a
t e
d
o
n
t h
e
s
a
m
e
s
i d
e
.
R
e
e
l
H
o
l e
SOP 20W
Symbol
Description
Dimensions in mm
W
Carrier Tape Width
�4.0+0.3/-0.1
P
Cavit� Pitch
1�.0±0.1
E
Perforation Position
1.75±0.10
F
Cavit� to Perforation (Width Direction)
11.5±0.1
D
Perforation Diameter
1.5+0.1/-0.0
D1
Cavit� Hole Diameter
1.50+0.�5/-0.00
P0
Perforation Pitch
4.0±0.1
P1
Cavit� to Perforation (Length Direction)
�.0±0.1
A0
Cavit� Length
10.8±0.1
B0
Cavit� Width
13.3±0.1
K0
Cavit� Depth
3.�±0.1
t
Carrier Tape Thickness
0.30±0.05
C
Cover Tape Width
�1.3±0.1
SOP 24W
Symbol
Description
Dimensions in mm
W
Carrier Tape Width
�4.0+0.3
P
Cavit� Pitch
1�.0±0.1
E
Perforation Position
1.75±0.1
F
Cavit� to Perforation (Width Direction)
11.5±0.1
D
Perforation Diameter
1.55+0.1/-0.00
D1
Cavit� Hole Diameter
1.50+0.�5/-0.00
P0
Perforation Pitch
4.0±0.1
P1
Cavit� to Perforation (Length Direction)
�.0±0.1
A0
Cavit� Length
10.9±0.1
B0
Cavit� Width
15.9±0.1
K0
Cavit� Depth
3.1±0.1
t
Carrier Tape Thickness
0.35±0.05
C
Cover Tape Width
�1.3±0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com