| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT16K33 bảng dữ liệu(PDF) 24 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT16K33 bảng dữ liệu(HTML) 24 Page - Holtek Semiconductor Inc |
|
24 / 47 page ![]() Rev. 1.10 �0 �a� 1�� �011 Rev. 1.10 �1 �a� 1�� �011 HT16K33 RAM Mapping 16*8 LED Controller Driver with keyscan Key Data Memory – RAM Structure ● The RAM is a static 16 x 3 -bits RAM which stores key data which keys have been detected as key data by the key scanning circuit. Each bit in the register corresponds to one key switch. The bit is set to 1 if the switch has been correctly key data since the last key data register read operation. ● Reading the key data RAM clears the key data RAM after the key data has been read, so that future key presses can be identified. If the key data RAM is not read, the key scan data accumulates. There is no FIFO register in the HT16K33. Key-press order, or whether a key has been pressed more than once, cannot be determined unless the all key data RAM is read after each interrupt and before completion of the next keyscan cycle. ● After the all key data RAM has been read, the INT pin output is cleared along with the INT flag status. If a key is pressed and held down, the key is reported as key data (and an INT is issued) only once. The key must be detected as released by the keyscanning circuit before it is key data again. ● The key data RAM is read only. A write to address 0x40~0x45 is ignored. ● It is strongly recommended that the key data RAM is read only and should be started form address 0X40H only, the key data RAM of address 0X40H ~0X45H should be read continuously and in one operation. ● There is a one-to-one correspondence between the key data RAM addresses and the Key data outputs and between the individual bits of a key data RAM word and the key data outputs. The following shows the mapping from the RAM to the key data output: ROW3~15 K1 K8 K9 K16 CO�1/KS0 40H 41H CO��/KS1 4�H 43H CO�3/KS� 44H 45H ● I2C bus display data transfer format Data byte of I2C D7 D6 D5 D4 D3 D2 D1 D0 KS0 K8 K7 K� K5 K4 K3 K� K1 0 0 0 K13 K1� K11 K10 K9 KS1 K8 K7 K� K5 K4 K3 K� K1 0 0 0 K13 K1� K11 K10 K9 KS� K8 K7 K� K5 K4 K3 K� K1 0 0 0 K13 K1� K11 K10 K9 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |