công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT16K33 bảng dữ liệu(PDF) 20 Page - Holtek Semiconductor Inc

tên linh kiện HT16K33
Giải thích chi tiết về linh kiện  RAM Mapping 16*8 LED Controller Driver with keyscan
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16K33 bảng dữ liệu(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT16K33 Datasheet HTML 16Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 17Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 18Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 19Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 20Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 21Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 22Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 23Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
Rev. 1.10
1�
�a� 1�� �011
Rev. 1.10
17
�a� 1�� �011
HT16K33
RAM Mapping 16*8 LED Controller Driver with keyscan
Keyscan
● The keyscan logic uses one, two or three of the KS0, KS1and KS2 logic outputs. An interrupt
output that flags a key press is optional. The INT flag can be read (polled) through the serial
interface, allowing INT/ROW15 to be used as a general purpose logic output or as a ROW open-
drain driver.
● One small-signal diode is required per key switch when more than one key is connected to KS0,
KS1 or KS2. The diodes prevent two simultaneous key switch depressions from shorting the
COM drivers together. For example, if SW1 and SW14 were pressed together and the diodes
were not fitted, COM1/KS0 and COM2/KS1 would be shorted together and the LED multiplexing
would be incorrect.
● The keyscanning circuit utilises the COM1/KS0 to COM3/KS2 outputs high as the keyscan output
drivers. The outputs COM0 to COM7 pulse low sequentially as the displays are multiplexed. The
actual low time varies from 64μs to 1024μs due to pulse width modulation from 1/16th to 16/16th
for dimming control. The LED drive mode waveforms and scanning shows the typical situation
when all eight LED cathode drivers are used.
● The maximum of thirty-nine keys can only be scanned if the scan-limit register is set to scan the
maximum KS0 to KS2.
● The keyscan cycle loops continuously over time, with all thirty-nine keys experiencing a full
keyscanning debounce over 20ms. A key press is debounced and an interrupt issued if at least one
key that was not pressed in a previous cycle is found to be pressed during both sampling periods.
● The keyscan circuit detects any combination of keys pressed during each debounce cycle (n-key
rollover).
● The INT output is active-low when the “act” bit of row/int set register is set to “0”.
● The INT output is active-high when the “act” bit of row/int set register is set to “1”.
COM1/KS0
COM2/KS1
COM3/KS2
=
SW1
SW14
SW�7
SW�
SW3
SW4
SW5
SW�
SW7
SW8
SW9
SW10
SW11
SW1�
SW13
SW15
SW1�
SW17
SW18
SW19
SW�0
SW�1
SW��
SW�3
SW�4
SW�5
SW��
SW�8
SW�9
SW30
SW31
SW3�
SW33
SW34
SW35
SW3�
SW37
SW38
SW39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com