công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT16K33 bảng dữ liệu(PDF) 37 Page - Holtek Semiconductor Inc

tên linh kiện HT16K33
Giải thích chi tiết về linh kiện  RAM Mapping 16*8 LED Controller Driver with keyscan
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16K33 bảng dữ liệu(HTML) 37 Page - Holtek Semiconductor Inc

Back Button HT16K33 Datasheet HTML 33Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 34Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 35Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 36Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 37Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 38Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 39Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 40Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 41Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
Rev. 1.10
34
�a� 1�� �011
Rev. 1.10
35
�a� 1�� �011
HT16K33
RAM Mapping 16*8 LED Controller Driver with keyscan
Application Circuit
●
16*8 display application: (No INT pin function and 13*3 key function)
LED matrix
SCL
SDA
VDD
VSS
�CU
VDD
VSS
HT1�K33
VSS
0.1uF
CO�0
CO�1/KS0
CO��/KS1
CO�3/KS�
CO�4
CO�5
CO��
CO�7
VDD
Row13/K11
Row14/K1�
Row1�/K10
Row11/K9
Row10/K8
Row9/K7
Row8/K�
Row7/K5
Row�/K4
Row5/K3
Row4/K�
Row3/K1
Row�/A0
Row1/A1
Row0/A�
Row15/K13/INT
39KΩ*13
=
R1
R�
R3
R4
R5
R�
R7
R8
R9
R10
R11
R1�
R13
4.7KΩ
4.7KΩ
RA0
RA1
RA�
Note: 1. If RA0, RA1 and RA2 are Open, the I2C slave address (A0~A2) is set to low.
2. If RA0, RA1 and RA2 are 39KΩ, the I2C slave address (A0~A2) is set to high.
3. If the key input is not used for LED display, the resistor in series with the key input (R1~R13) can be
omitted.
●
15*8 display application: (INT pin function and 12*3 key function)
LED matrix
SCL
SDA
VDD
VSS
�CU
VDD
VSS
HT1�K33
VSS
0.1uF
=
CO�0
CO�1/KS0
CO��/KS1
CO�3/KS�
CO�4
CO�5
CO��
CO�7
VDD
Row13/K11
Row14/K1�
Row15/K13/INT
Row1�/K10
Row11/K9
Row10/K8
Row9/K7
Row8/K�
Row7/K5
Row�/K4
Row5/K3
Row4/K�
Row3/K1
Row�/A0
Row1/A1
Row0/A�
39KΩ*1�
4.7KΩ
4.7KΩ
R1
R�
R3
R4
R5
R�
R7
R8
R9
R10
R11
R1�
RA0
RA1
RA�
Note: 1. If RA0, RA1 and RA2 are Open, the I2C slave address (A0~A2) is set to low.
2. If RA0, RA1 and RA2 are 39KΩ, the I2C slave address (A0~A2) is set to high.
3. If the key input is not used for LED display, the resistor in series with the key input (R1~R12) can be
omitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com