| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT16K33 bảng dữ liệu(PDF) 3 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT16K33 bảng dữ liệu(HTML) 3 Page - Holtek Semiconductor Inc |
|
3 / 47 page ![]() Rev. 1.10 ii �a� 1�� �011 Rev. 1.10 1 �a� 1�� �011 HT16K33 RAM Mapping 16*8 LED Controller Driver with keyscan Ke� matrix combination with �0 pin package.........................................................................�4 I2C Serial Interface....................................................................................................... 25 Data validit�............................................................................................................................�5 START and STOP conditions.................................................................................................�5 B�te format.............................................................................................................................�5 Acknowledge ............................................................................................................... 26 Slave Addressing ...................................................................................................................�� Write Operation............................................................................................................ 28 B�te write operation ...............................................................................................................�8 Page write operation ..............................................................................................................�8 Read Operation............................................................................................................ 29 B�te read operation................................................................................................................�9 Page read operation...............................................................................................................�9 Command Summary ................................................................................................... 30 HT16K33 operation flow chart................................................................................................3� Application Circuit ...................................................................................................... 34 LED Matrix Circuit ....................................................................................................... 37 Package Information ................................................................................................... 38 �0-pin SOP (300mil) Outline Dimensions ..............................................................................38 �4-pin SOP (300mil) Outline Dimensions ..............................................................................39 �8-pin SOP (300mil) Outline Dimensions ..............................................................................40 Reel Dimensions....................................................................................................................41 Carrier Tape Dimensions........................................................................................................4� |