công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT16K33 bảng dữ liệu(PDF) 14 Page - Holtek Semiconductor Inc

tên linh kiện HT16K33
Giải thích chi tiết về linh kiện  RAM Mapping 16*8 LED Controller Driver with keyscan
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16K33 bảng dữ liệu(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT16K33 Datasheet HTML 10Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 11Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 12Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 13Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 14Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 15Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 16Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 17Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
Rev. 1.10
10
�a� 1�� �011
Rev. 1.10
11
�a� 1�� �011
HT16K33
RAM Mapping 16*8 LED Controller Driver with keyscan
Display Setup Register
The display setup register configures the LED display on/off and the blinking frequency for the
HT16K33.
● The LED display is enabled when the ‘D’ bit of the display setup register is set to “1”.
● The LED display is disabled when the ‘D’ bit of the display setup register is set to “0”.
● In the display disable status, all ROW outputs are hi-impedance and all COM outputs are high-
impedance during the display period.
● In the display disable status, all ROWs are changed to an input status and the COM0~COM3
continues scanning and COM4~COM7 outputs are high-impedance during the keyscan period.
● The display blinking capabilities of the HT16K33 are very versatile. The whole display can be
blinked at frequencies selected by the Blink command. The blinking frequencies are integer
multiples of the system frequency; the ratios between the system oscillator and the blinking
frequencies depend upon the mode in which the device is operating, is as follows:
● Blinking frequency = 2Hz
LE D
Tu rn O n
Tu rn O ff
0. 25 s0 .2 5s
Bl in k On
Bl in k Of f
Example of Waveform for Blinker
● The display setup register command is as follows:
Name
Command / Address / Data
Option
Description
Def.
D15 D14 D13 D12 D11 D10 D9 D8
Displa�
set
1
0
0
0
X
B1 B0
D
{D}
Write
onl�
Defines Display on/off status.
● {0}: Displa� off
● {1}: Displa� on
80H
{B1�B0}
Write
onl�
Defines the blinking frequency
● {0�0} = Blinking OFF
● {0�1} = �HZ
● {1�0} = 1HZ
● {1�1} = 0.5HZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com