công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX2829 bảng dữ liệu(PDF) 37 Page - Maxim Integrated Products

tên linh kiện MAX2829
Giải thích chi tiết về linh kiện  Single-/Dual-Band 802.11a/b/g World-Band Transceiver ICs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2829 bảng dữ liệu(HTML) 37 Page - Maxim Integrated Products

Back Button MAX2829 Datasheet HTML 31Page - Maxim Integrated Products MAX2829 Datasheet HTML 32Page - Maxim Integrated Products MAX2829 Datasheet HTML 33Page - Maxim Integrated Products MAX2829 Datasheet HTML 34Page - Maxim Integrated Products MAX2829 Datasheet HTML 35Page - Maxim Integrated Products MAX2829 Datasheet HTML 36Page - Maxim Integrated Products MAX2829 Datasheet HTML 37Page - Maxim Integrated Products MAX2829 Datasheet HTML 38Page - Maxim Integrated Products MAX2829 Datasheet HTML 39Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
Single-/Dual-Band 802.11a/b/g
World-Band Transceiver ICs
______________________________________________________________________________________
37
PA Bias DAC Register Definition (A3:A0 = 1010)
This register controls the output current of the DAC,
which biases the external PA (see Table 18).
Rx Gain Register Definition (A3:A0 = 1011)
This register sets the Rx baseband and RF gain when
A3:A0 = 1000, D12 = 1 (see Table 19).
Tx VGA Gain Register Definition (A3:A0 = 1100)
This register sets the Tx VGA gain when A3:A0 = 1001,
D10 = 1 (see Table 20).
Applications Information
MIMO Applications
The MAX2828/MAX2829 support multiple input multiple
output (MIMO) applications where multiple transceivers
are used in parallel. A special requirement for this appli-
cation is that all receivers must maintain a constant rela-
tive local oscillator phase, and that they continue to do so
after any receive-transmit-receive mode switching. The
same requirement holds for the transmitters—they should
all maintain a constant relative phase, and continue to do
so after any transmit-receive-transmit mode switching.
This feature is enabled in the MAX2828/MAX2829 by pro-
gramming A3:A0 = 0010, D13 = 1 and A3:A0 = 0101,
D13 = 1. The constant relative phases of the multiple
transceivers are maintained in the transmit, receive, and
standby modes of operation, as long as they are all using
a common external reference frequency source (crystal
oscillator).
DATA BIT
DEFAULT
DESCRIPTION
D13
0
D12
0
D11
0
D10
0
Set to 0
D9
1
D8
1
D7
1
D6
1
Sets PA bias DAC turn-on delay
after TXENA is set high and A3:A0
= 0010, D10 = 1, in steps of 0.5µs.
D9:D6 = 0001 corresponds to 0µs
and 1111 corresponds to 7µs.
D5
0
D4
0
D3
0
D2
0
D1
0
D0
0
Sets PA bias DAC output current in
steps of 5µA. D5:D0 = 000000
corresponds to 0µA and 111111
corresponds to 315µA.
Table 18. PA Bias DAC Register
(A3:A0 = 1010)
DATA BIT
DEFAULT
DESCRIPTION
D13
0
D12
0
D11
0
D10
0
D9
0
D8
0
D7
0
Not Used. For faster Rx gain
setting, only D6:D0 need to be
programmed.
D6
1
D5
1
Rx LNA
Gain
Control
D4
1
D3
1
D2
1
D1
1
D0
1
Rx VGA
Gain
Control
Rx baseband and RF
gain-control bits. D6
maps to digital input
pin B7 and D0 maps
to digital input pin B1.
D6:D0 = 0000000
corresponds to
minimum gain.
Table 19. Rx Gain Register
(A3:A0 = 1011)
DATA BIT
DEFAULT
DESCRIPTION
D13
0
D12
0
D11
0
D10
0
D9
0
D8
0
D7
0
D6
0
Not Used. For faster Tx VGA gain
setting, only D5:D0 need to be
programmed.
D5
0
D4
0
D3
0
D2
0
D1
0
D0
0
Tx VGA Gain Control. D5 maps to
digital input pin B6 and D0 maps to
digital input pin B1. D5:D0 =
000000 corresponds to minimum
gain.
Table 20. Tx VGA Gain Register
(A3:A0 = 1100)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com