công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX2829 bảng dữ liệu(PDF) 12 Page - Maxim Integrated Products

tên linh kiện MAX2829
Giải thích chi tiết về linh kiện  Single-/Dual-Band 802.11a/b/g World-Band Transceiver ICs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2829 bảng dữ liệu(HTML) 12 Page - Maxim Integrated Products

Back Button MAX2829 Datasheet HTML 8Page - Maxim Integrated Products MAX2829 Datasheet HTML 9Page - Maxim Integrated Products MAX2829 Datasheet HTML 10Page - Maxim Integrated Products MAX2829 Datasheet HTML 11Page - Maxim Integrated Products MAX2829 Datasheet HTML 12Page - Maxim Integrated Products MAX2829 Datasheet HTML 13Page - Maxim Integrated Products MAX2829 Datasheet HTML 14Page - Maxim Integrated Products MAX2829 Datasheet HTML 15Page - Maxim Integrated Products MAX2829 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
Single-/Dual-Band 802.11a/b/g
World-Band Transceiver ICs
12
______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS—Miscellaneous Blocks
(MAX2828/MAX2829 evaluation kits: VCC = +2.7V, fRF = 2.437GHz (802.11g) or fRF = 5.25GHz (802.11a), fREFOSC = 40MHz, SHDN =
CS = high, SCLK = DIN = low, RBIAS = 11k
Ω, TA = +25°C, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PA BIAS DAC
Number of Programmable Bits
6
Bits
Minimum Output Sink Current
D5:D0 = 000000 (see the PA Bias DAC Register
Definition section)
0µA
Maximum Output Sink Current
D5:D0 = 111111 (see the PA Bias DAC Register
Definition section), output voltage = 0.8V
313
µA
Turn-On Time
D9:D6 = 0000 (see the PA Bias DAC Register Definition
section)
0.2
µs
DNL
1
LSB
ON-CHIP TEMPERATURE SENSOR
TA = -40°C
0.5
TA = +25°C
1.05
Output Voltage
D11 = 1 (see the Rx
Control/RSSI
Register Definition
section)
TA = +85°C
1.6
V
AC ELECTRICAL CHARACTERISTICS—Timing
(MAX2828/MAX2829 evaluation kits: VCC = 2.7V, fRF = 2.437GHz (802.11g) or fRF = 5.25GHz (802.11a), fREFOSC = 40MHz, SHDN =
CS = high, SCLK = DIN = low, PLL loop bandwidth = 150kHz, RBIAS = 11k
Ω, TA = +25°C, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SYSTEM TIMING (See Figure 1)
Turn-On Time
From SHDN rising edge (PLL locked)
50
µs
Shutdown Time
2µs
fRF = 2.412GHz to 2.5GHz
25
fRF = 5.15GHz to 5.35GHz
35
fRF = 5.45GHz to 5.875GHz
130
Channel Switching Time
fRF = 4.9GHz to 5.875GHz
130
µs
Rx to Tx
1
Rx/Tx Turnaround Time
Measured from Tx or Rx enable
rising edge; signal settling to
within
±2dB of steady state
Tx to Rx, RXHP = 1
1.2
µs
Tx Turn-On Time (From Standby
Mode)
From Tx enable rising edge; signal settling to within
±2dB
of steady state
1µs
Rx Turn-On Time (From Standby
Mode)
From Rx enable rising edge; signal settling to within
±2dB of steady state
1.2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com