công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX2829 bảng dữ liệu(PDF) 36 Page - Maxim Integrated Products

tên linh kiện MAX2829
Giải thích chi tiết về linh kiện  Single-/Dual-Band 802.11a/b/g World-Band Transceiver ICs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2829 bảng dữ liệu(HTML) 36 Page - Maxim Integrated Products

Back Button MAX2829 Datasheet HTML 31Page - Maxim Integrated Products MAX2829 Datasheet HTML 32Page - Maxim Integrated Products MAX2829 Datasheet HTML 33Page - Maxim Integrated Products MAX2829 Datasheet HTML 34Page - Maxim Integrated Products MAX2829 Datasheet HTML 35Page - Maxim Integrated Products MAX2829 Datasheet HTML 36Page - Maxim Integrated Products MAX2829 Datasheet HTML 37Page - Maxim Integrated Products MAX2829 Datasheet HTML 38Page - Maxim Integrated Products MAX2829 Datasheet HTML 39Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
Single-/Dual-Band 802.11a/b/g
World-Band Transceiver ICs
36
______________________________________________________________________________________
Tx Linearity/Baseband Gain Register Definition
(A3:A0 = 1001)
This register allows the adjustment of the Tx gain and
linearity (see Table 17).
RXHP
A3:A0 = 1000, D2
Rx HP -3dB CORNER
FREQUENCY
1
X
600kHz
0
1
30kHz
0
0
100Hz
Table 16b. Rx HP -3dB Corner Frequency
Adjustment
INPUT CONDITIONS
A3:A0 = 1000, D8
A3:A0 = 1000, D10
RXENA
RXHP
RSSI OUTPUT
0
0
0
X
No Signal
0
0
1
0
No Signal
0
0
1
1
RSSI
0
1
0
X
No Signal
0
1
1
X
RSSI
1
X
X
X
Temperature Sensor
Table 16c. RSSI Pin Truth Table
DATA BIT
DEFAULT
DESCRIPTION
D13
0
D12
0
D11
0
Set to 0
D10
0
Enable Tx VGA Gain Programming Serially. 0: Tx VGA gain programmed with external digital inputs
(B6:B1); 1: Tx VGA gain programmed with data bits in the Tx gain register (D5:D0).
D9
1
D8
0
PA Driver Linearity. D9:D8 = 00: 50% current (minimum linearity); 01: 63% current; 10: 78% current; 11:
100% current (maximum linearity).
D7
0
D6
0
Tx VGA Linearity. D7:D6 = 00: 50% current (minimum linearity); 01: 63% current; 10: 78% current; 11:
100% current (maximum linearity).
D5
0
D4
0
Set to 0
D3
0
D2
0
Tx Upconverter Linearity. D3:D2 = 00: 50% current (minimum linearity); 01: 63% current; 10: 78%
current; 11: 100% current (maximum linearity).
D1
0
D0
0
Tx Baseband Gain. D1:D0 = 00: max baseband gain - 5dB; 01: max baseband gain - 3dB; 10: max
baseband gain - 1.5dB; 11: max baseband gain.
Table 17. Tx Linearity/Baseband Gain Register (A3:A0 = 1001)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com