công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343ZHHT bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện TMS320C28343ZHHT
Giải thích chi tiết về linh kiện  Delfino Microcontrollers
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343ZHHT bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button TMS320C28343ZHHT Datasheet HTML 7Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 8Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 9Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 10Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 11Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 12Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 13Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 14Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 170 page
background image
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
www.ti.com
SPRS516B – MARCH 2009 – REVISED JULY 2010
Delfino Microcontrollers
Check for Samples: TMS320C28346, TMS320C28345, TMS320C28344, TMS320C28343, TMS320C28342, TMS320C28341
1
TMS320C2834x ( Delfino™) MCUs
1.1
Overview
The TMS320C2834x (C2834x) Delfino™ microcontroller (MCU) devices build on TI's existing F2833x
high-performance floating-point microcontrollers. The C2834x delivers up to 300 MHz of floating-point
performance, and has up to 516KB of on-chip RAM. Designed for real-time control applications, the
C2834x is based on the C28x™ core, making it code-compatible with all C28x microcontrollers. The
on-chip peripherals and low-latency core make the C2834x an excellent solution for performance-hungry
real-time control applications.
1.2
Features
1234
•
Dead-Band Generation
• High-Performance Static CMOS Technology
•
PWM Chopping by High-Frequency
– Up to 300 MHz (3.33-ns Cycle Time)
Carrier
– 1.1-V/1.2-V Core, 3.3-V I/O , 1.8-V
•
Trip Zone Input
PLL/Oscillator Design
•
Up to 9 HRPWM Outputs With 55-ps MEP
• High-Performance 32-Bit CPU (TMS320C28x)
Resolution at VDD = 1.1 V (65 ps at 1.2 V)
– IEEE-754 Single-Precision Floating-Point
– Six 32-Bit Enhanced Capture (eCAP)
Unit (FPU)
Modules
– 16 x 16 and 32 x 32 MAC Operations
•
Configurable as 3 Capture Inputs or
– 16 x 16 Dual MAC
3 Auxiliary Pulse Width Modulator
– Harvard Bus Architecture
Outputs
– Fast Interrupt Response and Processing
•
Single-Shot Capture of up to Four Event
– Code-Efficient (in C/C++ and Assembly)
Time-Stamps
• Six-Channel DMA Controller (for McBSP,
– Three 32-Bit Quadrature Encoder Pulse
XINTF, and SARAM)
(QEP) Modules
• 16-Bit or 32-Bit External Interface (XINTF)
– Six 32-Bit Timers/Nine 16-Bit Timers
– Over 2M x 16 Address Reach
• Three 32-Bit CPU Timers
• On-Chip Memory
• Serial Port Peripherals
– Up to 258K x 16 SARAM
– Up to 2 CAN Modules
– 8K x 16 Boot ROM
– Up to 3 SCI (UART) Modules
• Clock and System Control
– Up to 2 McBSP Modules (Configurable as
– Dynamic PLL Ratio Changes Supported
SPI)
– On-Chip Oscillator
– Up to 2 SPI Module s
– Watchdog Timer Module
– One Inter-Integrated-Circuit (I2C) Bus
• Peripheral Interrupt Expansion (PIE) Block That
• External ADC Interface
Supports All 64 Peripheral Interrupts
• Up to 88 Individually Programmable,
• Enhanced Control Peripherals
Multiplexed GPIO Pins With Input Filtering
– Eighteen Enhanced Pulse Width Modulator
• Advanced Emulation Features
(ePWM) Outputs
– Analysis and Breakpoint Functions
•
Dedicated 16-Bit Time-Based Counter
– Real-Time Debug via Hardware
With Period and Frequency Control
•
Single-Edge, Dual-Edge Symmetric, or
Dual-Edge Asymmetric Outputs
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Delfino, MicroStar BGA, C28x, TMS320C54x, TMS320C55x, Code Composer Studio, TMS320C28x are trademarks of Texas Instruments.
3
1-Wire is a registered trademark of Maxim Integrated Products, Inc.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com