công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343ZHHT bảng dữ liệu(PDF) 59 Page - Texas Instruments

tên linh kiện TMS320C28343ZHHT
Giải thích chi tiết về linh kiện  Delfino Microcontrollers
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343ZHHT bảng dữ liệu(HTML) 59 Page - Texas Instruments

Back Button TMS320C28343ZHHT Datasheet HTML 55Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 56Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 57Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 58Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 59Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 60Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 61Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 62Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 170 page
background image
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
www.ti.com
SPRS516B – MARCH 2009 – REVISED JULY 2010
Table 3-14. Possible PLL Configuration Modes
CLKIN AND
PLL MODE
REMARKS
PLLSTS[DIVSEL](1)
SYSCLKOUT
Invoked by the user setting the PLLOFF bit in the PLLSTS register. The PLL block
0
OSCCLK/8
is disabled in this mode. This can be useful to reduce system noise and for low
1
OSCCLK/4
PLL Off
power operation. The PLLCR register must first be set to 0x0000 (PLL Bypass)
2
OSCCLK/2
before entering this mode. The CPU clock (CLKIN) is derived directly from the
3
OSCCLK/1
input clock on either X1/X2, X1 or XCLKIN.
PLL Bypass is the default PLL configuration upon power-up or after an external
0
OSCCLK/8
reset (XRS). This mode is selected when the PLLCR register is set to 0x0000 or
1
OSCCLK/4
PLL Bypass
while the PLL locks to a new frequency after the PLLCR register has been
2
OSCCLK/2
modified. In this mode, the PLL itself is bypassed but the PLL is not turned off.
3
OSCCLK/1
0
OSCCLK*n/8
Achieved by writing a non-zero value n into the PLLCR register. Upon writing to the
1
OSCCLK*n/4
PLL Enable
PLLCR the device will switch to PLL Bypass mode until the PLL locks.
2
OSCCLK*n/2
3
–(2)
(1)
PLLSTS[DIVSEL] must be 0 before writing to the PLLCR and must be set to 1 or 2 only after PLLSTS[PLLLOCKS] = 1. See the
TMS320x2834x Delfino System Control and Interrupts Reference Guide (literature number SPRUFN1) for more information.
(2)
PLLSTS[DIVSEL] should not be set to /1 mode while the PLL is enabled and not bypassed.
3.6.1.3
Loss of Input Clock
Applications in which the correct CPU operating frequency is absolutely critical should implement a
mechanism by which the MCU will be held in reset, should the input clocks ever fail. For example, an R-C
circuit may be used to trigger the XRS pin of the MCU, should the capacitor ever get fully charged. An I/O
pin may be used to discharge the capacitor on a periodic basis to prevent it from getting fully charged.
Copyright © 2009–2010, Texas Instruments Incorporated
Functional Overview
59
Submit Documentation Feedback
Product Folder Link(s): TMS320C28346, TMS320C28345, TMS320C28344 TMS320C28343, TMS320C28342,
TMS320C28341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com