công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343ZHHT bảng dữ liệu(PDF) 43 Page - Texas Instruments

tên linh kiện TMS320C28343ZHHT
Giải thích chi tiết về linh kiện  Delfino Microcontrollers
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343ZHHT bảng dữ liệu(HTML) 43 Page - Texas Instruments

Back Button TMS320C28343ZHHT Datasheet HTML 39Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 40Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 41Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 42Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 43Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 44Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 45Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 46Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 170 page
background image
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
www.ti.com
SPRS516B – MARCH 2009 – REVISED JULY 2010
3.2.8
Boot ROM
The Boot ROM is factory-programmed with boot-loading software. Boot-mode signals are provided to tell
the bootloader software what boot mode to use on power up. The user can select to boot normally or to
download new software from an external connection or to select boot software that is programmed in the
internal ROM. The Boot ROM also contains standard tables, such as SIN/COS waveforms, for use in math
related algorithms.
Table 3-2. Boot Mode Selection
MODE
GPIO87/XA15
GPIO86/XA14
GPIO85/XA13
GPIO84/XA12
MODE(1)
F
1
1
1
1
Secure boot(2)
E
1
1
1
0
SCI-A boot
D
1
1
0
1
SPI-A boot
C
1
1
0
0
I2C-A boot Timing 1
B
1
0
1
1
eCAN-A boot Timing 1
A
1
0
1
0
McBSP-A boot
9
1
0
0
1
Jump to XINTF x16
8
1
0
0
0
Reserved
7
0
1
1
1
eCAN-A boot Timing 2
6
0
1
1
0
Parallel GPIO I/O boot
5
0
1
0
1
Parallel XINTF boot
4
0
1
0
0
Jump to SARAM
3
0
0
1
1
Branch to check boot mode
2
0
0
1
0
I2C-A boot Timing 2
1
0
0
0
1
Reserved
0
0
0
0
0
TI Test Only
(1)
All four GPIO pins have an internal pullup.
(2)
This mode is available on secure devices only. See Section 3.2.9, Security.
3.2.9
Security
The 128-bit password locations on these devices will always read back 0xFFFF. To preserve compatibility
with other C28x designs with code security, the password locations at 0x33FFF8–0x33FFFF must be read
after a device reset; otherwise, certain memory locations will be inaccessible. The Boot ROM code
performs this read during startup. If during debug the Boot ROM is bypassed, then it is the responsibility of
the application software to read the password locations after a reset.
Custom Encryption: Activating the Code Security Module (CSM) and Emulation Code Security
Logic (ECSL)
Custom secure versions of these devices are available which enable the CSM and ECSL logic on these
devices. In the custom version, the 128-bit password locations are set to a customer-chosen value,
activating the Code Security Module (CSM), which protects the Hx RAM memories from unauthorized
access. Additionally, a TI-generated AES decryption routine is embedded into an on-chip secure ROM,
providing a method to secure application code that is stored externally. Contact TI at support@ti.com for
more details.
Copyright © 2009–2010, Texas Instruments Incorporated
Functional Overview
43
Submit Documentation Feedback
Product Folder Link(s): TMS320C28346, TMS320C28345, TMS320C28344 TMS320C28343, TMS320C28342,
TMS320C28341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com