công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343ZHHT bảng dữ liệu(PDF) 58 Page - Texas Instruments

tên linh kiện TMS320C28343ZHHT
Giải thích chi tiết về linh kiện  Delfino Microcontrollers
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343ZHHT bảng dữ liệu(HTML) 58 Page - Texas Instruments

Back Button TMS320C28343ZHHT Datasheet HTML 54Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 55Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 56Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 57Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 58Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 59Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 60Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 61Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 170 page
background image
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
SPRS516B – MARCH 2009 – REVISED JULY 2010
www.ti.com
3.6.1.2
PLL-Based Clock Module
The devices have an on-chip, PLL-based clock module. This module provides all the necessary clocking
signals for the device, as well as control for low-power mode entry. The PLL has a 5-bit ratio control
PLLCR[DIV] to select different CPU clock rates. The watchdog module should be disabled before writing
to the PLLCR register. It can be re-enabled (if need be) after the PLL module has stabilized. The input
clock and PLLCR[DIV] bits should be chosen in such a way that the output frequency of the PLL
(VCOCLK) falls between 400 MHz and 600 MHz. The PLLSTS[DIVSEL] bit should be selected such that
SYSCLKOUT(CLKIN) does not exceed the maximum operating frequency allowed for the device
(300 MHz or 200 MHz). For example, suppose it is desired to operate a 300-MHz device at 100 MHz
using a 20-MHz OSCCLK input (i.e., for power savings). The PLL should be configured for OSCCLK * 20,
which produces VCOCLK = 400 MHz. PLLSTS[DIVSEL] should then be configured for /4 mode, resulting
in the desired 100-MHz CLKIN to the CPU. The PLL should not be configured for OSCCLK * 10 with
PLLSTS[DIVSEL] set for /2 mode. This combination would produce VCOCLK = 200 MHz, which does not
fall within the required 400 MHz to 600 MHz range.
Table 3-12. PLL Settings(1)
SYSCLKOUT (CLKIN)
PLLCR[DIV]
PLLSTS[DIVSEL] = 0
PLLSTS[DIVSEL] = 1
VALUE(2) (3)
PLLSTS[DIVSEL] = 2
PLLSTS[DIVSEL] = 3 (4)
00000 (PLL bypass)
OSCCLK/8 (Default)
OSCCLK/4
OSCCLK/2
OSCCLK
00001
(OSCCLK * 2)/8
(OSCCLK * 2)/4
(OSCCLK * 2)/2
–
00010
(OSCCLK * 3)/8
(OSCCLK * 3)/4
(OSCCLK * 3)/2
–
00011
(OSCCLK * 4)/8
(OSCCLK * 4)/4
(OSCCLK * 4)/2
–
00100
(OSCCLK * 5)/8
(OSCCLK * 5)/4
(OSCCLK * 5)/2
–
00101
(OSCCLK * 6)/8
(OSCCLK * 6)/4
(OSCCLK * 6)/2
–
00110
(OSCCLK * 7)/8
(OSCCLK * 7)/4
(OSCCLK * 7)/2
–
00111
(OSCCLK * 8)/8
(OSCCLK * 8)/4
(OSCCLK * 8)/2
–
01000
(OSCCLK * 9)/8
(OSCCLK * 9)/4
(OSCCLK * 9)/2
–
01001
(OSCCLK * 10)/8
(OSCCLK * 10)/4
(OSCCLK * 10)/2
–
01010
(OSCCLK * 11)/8
(OSCCLK * 11)/4
(OSCCLK * 11)/2
–
01011 – 11111
(OSCCLK * 12)/8 –
(OSCCLK * 12)/4 –
(OSCCLK * 12)/2 –
–
(OSCCLK * 32)/8
(OSCCLK * 32)/4
(OSCCLK * 32)/2
(1)
PLLSTS[DIVSEL] must be 0 before writing to the PLLCR and must be set only to 1 or 2 after PLLSTS[PLLLOCKS] = 1. At reset,
PLLSTS[DIVSEL] is configured for /8. The boot ROM changes this to /2 or /1, depending on the boot option.
(2)
The PLL control register (PLLCR) and PLL Status Register (PLLSTS) are reset to their default state by the XRS signal or a watchdog
reset only. A reset issued by the debugger or the missing clock detect logic have no effect.
(3)
This register is EALLOW protected. See the TMS320x2834x Delfino System Control and Interrupts Reference Guide (literature number
SPRUFN1) for more information.
(4)
PLLSTS[DIVSEL] = 3 should be used only when the PLL is bypassed or off.
Table 3-13. CLKIN Divide Options
PLLSTS [DIVSEL]
CLKIN DIVIDE
0
/8
1
/4
2
/2
3
/1
The PLL-based clock module provides two modes of operation:
•
Crystal-operation - This mode allows the use of an external crystal/resonator to provide the time base
to the device.
•
External clock source operation - This mode allows the internal oscillator to be bypassed. The device
clocks are generated from an external clock source input on the X1 or the XCLKIN pin.
58
Functional Overview
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C28346, TMS320C28345, TMS320C28344 TMS320C28343, TMS320C28342,
TMS320C28341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com