công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343ZHHT bảng dữ liệu(PDF) 42 Page - Texas Instruments

tên linh kiện TMS320C28343ZHHT
Giải thích chi tiết về linh kiện  Delfino Microcontrollers
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343ZHHT bảng dữ liệu(HTML) 42 Page - Texas Instruments

Back Button TMS320C28343ZHHT Datasheet HTML 38Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 39Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 40Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 41Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 42Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 43Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 44Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 45Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 170 page
background image
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
SPRS516B – MARCH 2009 – REVISED JULY 2010
www.ti.com
3.2.4
Real-Time JTAG and Analysis
The C2834x devices implement the standard IEEE 1149.1 JTAG interface. Additionally, the devices
support real-time mode of operation whereby the contents of memory, peripheral and register locations
can be modified while the processor is running and executing code and servicing interrupts. The user can
also single step through non-time critical code while enabling time-critical interrupts to be serviced without
interference. The device implements the real-time mode in hardware within the CPU. This is a feature
unique to the C2834x device, requiring no software monitor. Additionally, special analysis hardware is
provided that allows setting of hardware breakpoint or data/address watch-points and generate various
user-selectable break events when a match occurs.
3.2.5
External Interface (XINTF)
This asynchronous interface consists of 20 address lines, 32 data lines, and three chip-select lines. The
chip-select lines are mapped to three external zones, Zones 0, 6, and 7. Each of the three zones can be
programmed with a different number of wait states, strobe signal setup and hold timing and each zone can
be programmed for extending wait states externally or not. The programmable wait-state, chip-select and
programmable strobe timing enables glueless interface to external memories and peripherals.
3.2.6
M0, M1 SARAMs
All C2834x devices contain these two blocks of single access memory, each 1K × 16 in size. The stack
pointer points to the beginning of block M1 on reset. The M0 and M1 blocks, like all other memory blocks
on C28x devices, are mapped to both program and data space. Hence, the user can use M0 and M1 to
execute code or for data variables. The partitioning is performed within the linker. The C28x device
presents a unified memory map to the programmer. This makes for easier programming in high-level
languages.
3.2.7
L0, L1, L2, L3, L4, L5, L6, L7 , H0, H1, H2, H3, H4, H5 SARAMs
The 2834x has up to 256K × 16 single-access RAM (SARAM) divided up into the following categories:
L0/1/2/3/4/5 SARAM Blocks Up to 48K × 16 of SARAM at all frequencies. Each block is
8K × 16.
L6/L7 SARAM Blocks
These 8K × 16 SARAM blocks are single-wait state at all
frequencies.
H0/1/2/3/4/5 SARAM Blocks H0–H5 are each 32K × 16 and 1-wait state at all
frequencies. A program-access prefetch buffer is used to
improve performance of linear code.
All SARAM blocks are mapped to both program and data space. L0–L7 are accessible by both the CPU
and the DMA (1 wait state).
42
Functional Overview
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C28346, TMS320C28345, TMS320C28344 TMS320C28343, TMS320C28342,
TMS320C28341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com