công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343ZHHT bảng dữ liệu(PDF) 78 Page - Texas Instruments

tên linh kiện TMS320C28343ZHHT
Giải thích chi tiết về linh kiện  Delfino Microcontrollers
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343ZHHT bảng dữ liệu(HTML) 78 Page - Texas Instruments

Back Button TMS320C28343ZHHT Datasheet HTML 74Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 75Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 76Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 77Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 78Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 79Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 80Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 81Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 170 page
background image
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
SPRS516B – MARCH 2009 – REVISED JULY 2010
www.ti.com
Table 4-7 provides a summary of the McBSP registers.
Table 4-7. McBSP Register Summary
McBSP-A
McBSP-B
NAME
TYPE
RESET VALUE
DESCRIPTION
ADDRESS
ADDRESS
Data Registers, Receive, Transmit
DRR2
0x5000
0x5040
R
0x0000
McBSP Data Receive Register 2
DRR1
0x5001
0x5041
R
0x0000
McBSP Data Receive Register 1
DXR2
0x5002
0x5042
W
0x0000
McBSP Data Transmit Register 2
DXR1
0x5003
0x5043
W
0x0000
McBSP Data Transmit Register 1
McBSP Control Registers
SPCR2
0x5004
0x5044
R/W
0x0000
McBSP Serial Port Control Register 2
SPCR1
0x5005
0x5045
R/W
0x0000
McBSP Serial Port Control Register 1
RCR2
0x5006
0x5046
R/W
0x0000
McBSP Receive Control Register 2
RCR1
0x5007
0x5047
R/W
0x0000
McBSP Receive Control Register 1
XCR2
0x5008
0x5048
R/W
0x0000
McBSP Transmit Control Register 2
XCR1
0x5009
0x5049
R/W
0x0000
McBSP Transmit Control Register 1
SRGR2
0x500A
0x504A
R/W
0x0000
McBSP Sample Rate Generator Register 2
SRGR1
0x500B
0x504B
R/W
0x0000
McBSP Sample Rate Generator Register 1
Multichannel Control Registers
MCR2
0x500C
0x504C
R/W
0x0000
McBSP Multichannel Register 2
MCR1
0x500D
0x504D
R/W
0x0000
McBSP Multichannel Register 1
RCERA
0x500E
0x504E
R/W
0x0000
McBSP Receive Channel Enable Register Partition A
RCERB
0x500F
0x504F
R/W
0x0000
McBSP Receive Channel Enable Register Partition B
XCERA
0x5010
0x5050
R/W
0x0000
McBSP Transmit Channel Enable Register Partition A
XCERB
0x5011
0x5051
R/W
0x0000
McBSP Transmit Channel Enable Register Partition B
PCR
0x5012
0x5052
R/W
0x0000
McBSP Pin Control Register
RCERC
0x5013
0x5053
R/W
0x0000
McBSP Receive Channel Enable Register Partition C
RCERD
0x5014
0x5054
R/W
0x0000
McBSP Receive Channel Enable Register Partition D
XCERC
0x5015
0x5055
R/W
0x0000
McBSP Transmit Channel Enable Register Partition C
XCERD
0x5016
0x5056
R/W
0x0000
McBSP Transmit Channel Enable Register Partition D
RCERE
0x5017
0x5057
R/W
0x0000
McBSP Receive Channel Enable Register Partition E
RCERF
0x5018
0x5058
R/W
0x0000
McBSP Receive Channel Enable Register Partition F
XCERE
0x5019
0x5059
R/W
0x0000
McBSP Transmit Channel Enable Register Partition E
XCERF
0x501A
0x505A
R/W
0x0000
McBSP Transmit Channel Enable Register Partition F
RCERG
0x501B
0x505B
R/W
0x0000
McBSP Receive Channel Enable Register Partition G
RCERH
0x501C
0x505C
R/W
0x0000
McBSP Receive Channel Enable Register Partition H
XCERG
0x501D
0x505D
R/W
0x0000
McBSP Transmit Channel Enable Register Partition G
XCERH
0x501E
0x505E
R/W
0x0000
McBSP Transmit Channel Enable Register Partition H
MFFINT
0x5023
0x5063
R/W
0x0000
McBSP Interrupt Enable Register
MFFST
0x5024
0x5064
R/W
0x0000
McBSP Pin Status Register
78
Peripherals
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C28346, TMS320C28345, TMS320C28344 TMS320C28343, TMS320C28342,
TMS320C28341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com