công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343ZHHT bảng dữ liệu(PDF) 65 Page - Texas Instruments

tên linh kiện TMS320C28343ZHHT
Giải thích chi tiết về linh kiện  Delfino Microcontrollers
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343ZHHT bảng dữ liệu(HTML) 65 Page - Texas Instruments

Back Button TMS320C28343ZHHT Datasheet HTML 61Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 62Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 63Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 64Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 65Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 66Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 67Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 68Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 170 page
background image
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
www.ti.com
SPRS516B – MARCH 2009 – REVISED JULY 2010
The general operation of the timer is as follows: The 32-bit counter register "TIMH:TIM" is loaded with the
value in the period register "PRDH:PRD". The counter register decrements at the SYSCLKOUT rate of the
C28x. When the counter reaches 0, a timer interrupt output signal generates an interrupt pulse. The
registers listed in Table 4-1 are used to configure the timers. For more information, see the
TMS320x2834x Delfino System Control and Interrupts Reference Guide (literature number SPRUFN1).
Table 4-1. CPU-Timers 0, 1, 2 Configuration and Control Registers
NAME
ADDRESS
SIZE (x16)
DESCRIPTION
TIMER0TIM
0x0C00
1
CPU-Timer 0, Counter Register
TIMER0TIMH
0x0C01
1
CPU-Timer 0, Counter Register High
TIMER0PRD
0x0C02
1
CPU-Timer 0, Period Register
TIMER0PRDH
0x0C03
1
CPU-Timer 0, Period Register High
TIMER0TCR
0x0C04
1
CPU-Timer 0, Control Register
Reserved
0x0C05
1
TIMER0TPR
0x0C06
1
CPU-Timer 0, Prescale Register
TIMER0TPRH
0x0C07
1
CPU-Timer 0, Prescale Register High
TIMER1TIM
0x0C08
1
CPU-Timer 1, Counter Register
TIMER1TIMH
0x0C09
1
CPU-Timer 1, Counter Register High
TIMER1PRD
0x0C0A
1
CPU-Timer 1, Period Register
TIMER1PRDH
0x0C0B
1
CPU-Timer 1, Period Register High
TIMER1TCR
0x0C0C
1
CPU-Timer 1, Control Register
Reserved
0x0C0D
1
TIMER1TPR
0x0C0E
1
CPU-Timer 1, Prescale Register
TIMER1TPRH
0x0C0F
1
CPU-Timer 1, Prescale Register High
TIMER2TIM
0x0C10
1
CPU-Timer 2, Counter Register
TIMER2TIMH
0x0C11
1
CPU-Timer 2, Counter Register High
TIMER2PRD
0x0C12
1
CPU-Timer 2, Period Register
TIMER2PRDH
0x0C13
1
CPU-Timer 2, Period Register High
TIMER2TCR
0x0C14
1
CPU-Timer 2, Control Register
Reserved
0x0C15
1
TIMER2TPR
0x0C16
1
CPU-Timer 2, Prescale Register
TIMER2TPRH
0x0C17
1
CPU-Timer 2, Prescale Register High
Reserved
0x0C18 – 0x0C3F
40
Copyright © 2009–2010, Texas Instruments Incorporated
Peripherals
65
Submit Documentation Feedback
Product Folder Link(s): TMS320C28346, TMS320C28345, TMS320C28344 TMS320C28343, TMS320C28342,
TMS320C28341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com