công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343ZHHT bảng dữ liệu(PDF) 104 Page - Texas Instruments

tên linh kiện TMS320C28343ZHHT
Giải thích chi tiết về linh kiện  Delfino Microcontrollers
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343ZHHT bảng dữ liệu(HTML) 104 Page - Texas Instruments

Back Button TMS320C28343ZHHT Datasheet HTML 100Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 101Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 102Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 103Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 104Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 105Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 106Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 107Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 170 page
background image
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
SPRS516B – MARCH 2009 – REVISED JULY 2010
www.ti.com
5.2
Documentation Support
Extensive documentation supports all of the TMS320™ DSP family generations of devices from product
announcement through applications development. The types of documentation available include: data
sheets and data manuals, with design specifications; and hardware and software applications.
Table 5-1 shows the peripheral reference guides appropriate for use with the devices in this data manual.
See the TMS320x28xx, 28xxx DSP Peripheral Reference Guide (literature number SPRU566) for more
information on types of peripherals.
Table 5-1. TMS320x2834x Delfino Peripheral Selection Guide
28346, 28345,
LITERATURE
PERIPHERAL GUIDE
TYPE(1)
28344, 28343,
NUMBER
28342, 28341
TMS320x2834x Delfino System Control and Interrupts
SPRUFN1
-
X
TMS320x2834x Delfino External Interface (XINTF)
SPRUFN4
1
X
TMS320x2834x Delfino Enhanced Controller Area Network (eCAN)
SPRUEU4
0
X
TMS320x2834x Delfino Multichannel Buffered Serial Port (McBSP)
SPRUG80
1
X
TMS320x2834x Delfino Serial Communications Interface (SCI)
SPRUG75
0
X
TMS320x2834x Delfino Serial Peripheral Interface (SPI)
SPRUG73
0
X
TMS320x2834x Delfino Boot ROM
SPRUFN5
-
X
TMS320x2834x Delfino Enhanced Quadrature Encoder Pulse (eQEP) Module
SPRUG74
0
X
TMS320x2834x Delfino Enhanced Pulse Width Modulator (ePWM) Module
SPRUFZ6
0
X
TMS320x2834x Delfino Enhanced Capture (eCAP) Module
SPRUG79
0
X
TMS320x2834x Delfino Inter-Integrated Circuit (I2C) Module
SPRUG76
0
X
TMS320x2834x Delfino High-Resolution Pulse-Width Modulator (HRPWM)
SPRUG77
0
X
TMS320x2834x Delfino Direct Memory Access (DMA) Module
SPRUG78
0
X
(1)
A type change represents a major functional feature difference in a peripheral module. Within a peripheral type, there may be minor
differences between devices that do not affect the basic functionality of the module. These device-specific differences are listed in the
TMS320x28xx, 28xxx DSP Peripheral Reference Guide (literature number SPRU566) and in the peripheral reference guides.
Useful reference documentation includes:
CPU User's Guides
SPRU430
TMS320C28x CPU and Instruction Set Reference Guide. This document describes the
central processing unit (CPU) and the assembly language instructions of the TMS320C28x
fixed-point digital signal processors (DSPs). It also describes emulation features available on
these DSPs.
SPRUEO2
TMS320C28x Floating Point Unit and Instruction Set Reference Guide. This document
describes the floating-point unit and includes the instructions for the FPU.
Peripheral Guides
SPRU566
TMS320x28xx, 28xxx DSP Peripheral Reference Guide. This document describes the
peripheral reference guides of the 28x digital signal processors (DSPs).
SPRUFN1
TMS320x2834x Delfino System Control and Interrupts Reference Guide. This document
describes the various interrupts and system control features of the x2834x microcontroller
(MCUs).
SPRUFN4
TMS320x2834x Delfino External Interface (XINTF) Reference Guide. This document
describes the XINTF, which is a nonmultiplexed asynchronous bus, as it is used on the
x2834x device.
104
Device Support
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C28346, TMS320C28345, TMS320C28344 TMS320C28343, TMS320C28342,
TMS320C28341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com