| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IMX53CEC bảng dữ liệu(PDF) 153 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
IMX53CEC bảng dữ liệu(HTML) 153 Page - Freescale Semiconductor, Inc |
|
153 / 204 page ![]() Package Information and Contact Assignments i.MX53xD Applications Processors for Consumer Products, Rev. 2 Freescale Semiconductor 153 Table 112 displays an alpha-sorted list of the signal assignments including power rails. The table also includes out of reset pad state. NVCC_SD2 H14 NVCC_SRTC_POW V11 NVCC_XTAL V12 SVCC B22 SVDDGP B2 TVDAC_AHVDDRGB U17, V16 TVDAC_DHVDD U16 USB_H1_VDDA25 F13 USB_H1_VDDA33 G13 USB_OTG_VDDA25 F14 USB_OTG_VDDA33 G14 VCC H13, J14, J16, K13, K15, L14, L16, M11, M13, M15, M9, N10, N12, N14, N16, N8, P11, P13, P15, P9, R10, R12, R14, R16, R8, T11, T13, T15, T17, T7, T9, U18, U8 VDDA G12, M17, M7, U12 VDDAL1 F9 VDD_ANA_PLL G16 VDD_DIG_PLL H17 VDD_FUSE G15 VDDGP G10, G11, G8, H11, H7, H9, J10, J12, J8, K11, K7, K9, L10, L12, L8 VDD_REG G18 VP A15, B15 VPH A9, B9 Table 111. 19 x 19 mm Ground, Power, Sense, and Reference Contact Assignments (continued) Contact Name Package Contact Assignment(s) |