| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MAC7200 bảng dữ liệu(PDF) 161 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 bảng dữ liệu(HTML) 161 Page - Freescale Semiconductor, Inc |
|
161 / 976 page ![]() Interrupts MAC7200 Microcontroller Family Reference Manual, Rev. 2 Freescale Semiconductor 83 ipi_int[26] $1A CAN_A 38 busoff - FlexCAN has entered the “Bus Off” state error - Any of a number of FlexCAN errors wakein - Asserted when the FlexCAN wakes up txwarn/rxwarn - Repetitive errors detected ipi_int[27] $1B CAN_B 37 mb0 to mb13 - Message Buffer mb15 to mb31 - Message Buffer ipi_int[28] $1C CAN_B 36 mb14 - Message Buffer ipi_int[29] $1D CAN_B 35 busoff - FlexCAN has entered the “Bus Off” state error - Any of a number of FlexCAN errors wakein - Asserted when the FlexCAN wakes up txwarn/rxwarn - Repetitive errors detected ipi_int[30] $1E Unused 34 ipi_int[31] $1F Unused 33 ipi_int[32] $20 Unused 32 ipi_int[33] $21 Unused 31 ipi_int[34] $22 Unused 30 ipi_int[35] $23 Unused 29 ipi_int[36] $24 IIC 28 ibal - Arbitration Lost condition tcf - Byte Transfer condition iaas - Address Detect condition ipi_int[37] $25 SPI_A 27 eoqf - End of Queue tfff - TX FIFO Fill tcf - Transfer Complete tfuf - TX FIFO Underflow rfdf - RX FIFO Drain rfof - RX FIFO Overflow overrun ipi_int[38] $26 SPI_B 26 eoqf - End of Queue tfff - TX FIFO Fill tcf - Transfer Complete tfuf - TX FIFO Underflow rfdf - RX FIFO Drain rfof - RX FIFO Overflow overrun Table 7-2. Interrupt Sources Signal Interrupt Requesta Interrupt Source Priority (1=highest) Includes |