| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H5GQ1H24AFR-R0C bảng dữ liệu(PDF) 17 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
H5GQ1H24AFR-R0C bảng dữ liệu(HTML) 17 Page - Hynix Semiconductor |
|
17 / 173 page ![]() This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any responsability for use of circuits described. No patent licenses are implied. Rev. 1.0 /Nov. 2009 17 H5GQ1H24AFR The flow diagram in Figure 7 illustrates the ABI operation. The controller decides whether to invert or not invert the data conveyed on the address lines. The GDDR5 SGRAM has to perform the reverse operation based on the level of the ABI# pin. Address input timing parameters are only valid with ABI being enabled and a maximum of 4 address inputs driven Low. Figure 7: Address Bus Inversion (ABI) Flow Diagram Data to be sent on address lines ’0’ count > 4 ? ABI# = ’L’ Invert Yes ABI# = ’H’ Don’t invert No Determine ’0’ count Data received on address lines ABI# = ’H’ Don’t invert ABI# = ’L’ Invert Controller GDDR5 SGRAM |