| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H5GQ1H24AFR-R0C bảng dữ liệu(PDF) 94 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
H5GQ1H24AFR-R0C bảng dữ liệu(HTML) 94 Page - Hynix Semiconductor |
|
94 / 173 page ![]() This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any responsability for use of circuits described. No patent licenses are implied. Rev. 1.0 /Nov. 2009 94 H5GQ1H24AFR Figure 61. READ to PRECHARGE DO DO DBI DBI n+7 n+7 n n Bank a, Col n Col n CK CK# DQ DBI# CL = CLmrs = 6 WCK# WCK T5 T7 T8 T0 T1 T2 T3 T4 T7n T6 T6n tRTP Bank a, or all DONʹT CARE TRANSITIONING DATA tRP 2. WCK and CK are shown aligned (tWCK2CKPIN=0, tWCK2CK=0) for illustration purposes. WCK2CK training determines the needed offset between WCK and CK. 4. tRTP = tRTPL when bank groups are enabled and the PRECHARGE command accesses the same bank; otherwise tRTP = tRTPS. 5. Before the READ commands, an ACTIVE (ACT) command is required to be issued to the GDDR5 SGRAM and tRCDRD must be met. 1. CLmrs = 6 is shown as an example. Actual supported values will be found in the MR and AC timings sections. 3. EDC may be on or off. See Figure 4 for EDC Timing. Notes: 6. tWCK2DQO = 0 is shown for illustration purposes. NOP READ PRE NOP NOP NOP NOP NOP NOP ADDRESS COMMAND |