công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EP910 bảng dữ liệu(PDF) 34 Page - Altera Corporation

tên linh kiện EP910
Giải thích chi tiết về linh kiện  The Altera Classic device family offers a solution to high-speed, lowpower logic integration. Fabricated on advanced CMOS technology
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALTERA [Altera Corporation]
Trang chủ  http://www.altera.com
Logo ALTERA - Altera Corporation

EP910 bảng dữ liệu(HTML) 34 Page - Altera Corporation

Back Button EP910 Datasheet HTML 30Page - Altera Corporation EP910 Datasheet HTML 31Page - Altera Corporation EP910 Datasheet HTML 32Page - Altera Corporation EP910 Datasheet HTML 33Page - Altera Corporation EP910 Datasheet HTML 34Page - Altera Corporation EP910 Datasheet HTML 35Page - Altera Corporation EP910 Datasheet HTML 36Page - Altera Corporation EP910 Datasheet HTML 37Page - Altera Corporation EP910 Datasheet HTML 38Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
778
Altera Corporation
Classic EPLD Family Data Sheet
General
Description
Altera EP1810 devices offer LSI density, TTL-equivalent speed, and low-
power consumption. EP1810 devices have 48 macrocells, 16 dedicated
input pins, and 48 I/O pins (see Figure 16). EP1810 devices are divided
into four quadrants, each containing 12 macrocells. Of the 12 macrocells
in each quadrant, 8 have quadrant feedback and are “local” macrocells
(see “Feedback Select” on page 749 of this data sheet for more
information). The remaining 4 macrocells in the quadrant are “global”
macrocells. Both local and global macrocells can access signals from the
global bus, which consists of the true and complement forms of the
dedicated inputs and the true and complement forms of the feedbacks
from the global macrocells.
EP1810 devices also have four dedicated inputs (one in each quadrant)
that can be used as quadrant clock inputs. If the dedicated input is used
as a clock pin, the input feeds the clock input of all registers in that
particular quadrant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com