công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EP910 bảng dữ liệu(PDF) 27 Page - Altera Corporation

tên linh kiện EP910
Giải thích chi tiết về linh kiện  The Altera Classic device family offers a solution to high-speed, lowpower logic integration. Fabricated on advanced CMOS technology
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALTERA [Altera Corporation]
Trang chủ  http://www.altera.com
Logo ALTERA - Altera Corporation

EP910 bảng dữ liệu(HTML) 27 Page - Altera Corporation

Back Button EP910 Datasheet HTML 23Page - Altera Corporation EP910 Datasheet HTML 24Page - Altera Corporation EP910 Datasheet HTML 25Page - Altera Corporation EP910 Datasheet HTML 26Page - Altera Corporation EP910 Datasheet HTML 27Page - Altera Corporation EP910 Datasheet HTML 28Page - Altera Corporation EP910 Datasheet HTML 29Page - Altera Corporation EP910 Datasheet HTML 30Page - Altera Corporation EP910 Datasheet HTML 31Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
Altera Corporation
771
Classic EPLD Family Data Sheet
Notes to tables:
(1)
See the Operating Requirements for Altera Devices Data Sheet in this data book.
(2)
Numbers in parentheses are for industrial-temperature-range devices.
(3)
The minimum DC input is –0.3 V. During transitions, the inputs may undershoot to –2.0 V (EP910) or
–0.5 V (EP910I) or overshoot to 7.0 V (EP910) or VCC + 0.5 V (EP910I) for input currents less than 100 mA and periods
less than 20 ns.
(4)
Maximum VCC rise time for EP910 devices = 50 ms; for EP910I devices, maximum VCC rise time is unlimited with
monotonic rise.
(5)
For all clocks: tR and tF = 100 ns (50 ns for the industrial-temperature-range version).
(6)
These values are specified in Table 15 on page 770.
(7)
The device capacitance is measured at 25
° C and is sample-tested only.
(8)
The IOH parameter refers to high-level TTL or CMOS output current; the IOL parameter refers to low-level TTL
output current.
(9)
This parameter does not apply to EP910I devices.
(10) When the Turbo Bit option is not set (non-Turbo mode), an EP910 device will enter standby mode if no logic
transitions occur for 100 ns after the last transition, and an EP910I device will enter standby mode if no logic
transitions occur for 75 ns after the last transition.
(11) Measured with a device programmed as a 24-bit counter.
Table 17. EP910 & EP910I Device Capacitance
Note (6)
Symbol
Parameter
Conditions
EP910
EP910I
Unit
Min
Max
Min
Max
CIN
Input pin capacitance
VIN = 0 V, f = 1.0 MHz
20
8
pF
CI/O
I/O pin capacitance
VOUT = 0 V, f = 1.0 MHz
20
8
pF
CCLK1
CLK1
pin capacitance
VIN = 0 V, f = 1.0 MHz
20
10
pF
CCLK2
CLK2
pin capacitance
VIN = 0 V, f = 1.0 MHz
60
12
pF
Table 18. EP910 & EP910I Device ICC Supply Current
Notes (2), (6), (7)
Symbol
Parameter
Conditions
EP910
EP910I
Unit
Min
Typ
Max
Min
Typ
Max
ICC1
VCC supply current
(non-Turbo, standby)
VI = VCC or ground, no load
(10), (11)
20
150
60
150
µA
ICC2
VCC supply current
(non-Turbo, active)
VI = VCC or ground, no load,
f = 1.0 MHz
(10), (11)
6
20
4
12
mA
ICC3
VCC supply current
(Turbo, active)
VI = VCC or ground, no load,
f = 1.0 MHz
(11)
45
80
(100)
120
150
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com