công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDF8599TH bảng dữ liệu(PDF) 15 Page - NXP Semiconductors

tên linh kiện TDF8599TH
Giải thích chi tiết về linh kiện  I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599TH bảng dữ liệu(HTML) 15 Page - NXP Semiconductors

Back Button TDF8599TH Datasheet HTML 11Page - NXP Semiconductors TDF8599TH Datasheet HTML 12Page - NXP Semiconductors TDF8599TH Datasheet HTML 13Page - NXP Semiconductors TDF8599TH Datasheet HTML 14Page - NXP Semiconductors TDF8599TH Datasheet HTML 15Page - NXP Semiconductors TDF8599TH Datasheet HTML 16Page - NXP Semiconductors TDF8599TH Datasheet HTML 17Page - NXP Semiconductors TDF8599TH Datasheet HTML 18Page - NXP Semiconductors TDF8599TH Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
TDF8599_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 13 November 2008
15 of 52
NXP Semiconductors
TDF8599
Class-D power amplifier with load diagnostics
8.5 Protection
The TDF8599 includes a range of built-in protection functions. How the TDF8599 handles
the various possible fault conditions differs for each protection and is described in the
following sections:
8.5.1 Thermal foldback
Thermal Foldback Protection (TFP) is activated when the junction temperature exceeds
the threshold level (145
°C). TFP decreases amplifier gain such that the combination of
dissipation and Rth(j-a) create a junction temperature around the threshold level. The
device will not completely switch off but remains operational at the lower output power
levels. If the junction temperature continues to increase, a second built-in temperature
protection threshold level shuts down the amplifier completely.
8.5.2 Overtemperature protection
If the junction temperature Tj > 160 °C, the OverTemperature Protection (OTP) is activated
and the power stage immediately shuts down.
8.5.3 Overcurrent protection
OverCurrent Protection (OCP) is activated when the output current exceeds the maximum
output current of 8 A. OCP regulates the output voltage such that the maximum output
current is limited to 8 A. The amplifier outputs keep switching and the amplifier is NOT
shutdown completely. This is called current limiting.
OCP also detects when the loudspeaker terminals are short circuited or one of the
amplifier’s demodulated outputs is short circuited to one of the supply lines. In either case,
the shorted channel(s) are switched off.
The amplifier can distinguish between loudspeaker impedance drops and a low-ohmic
short across the load or one of the supply lines. This impedance threshold depends on the
supply voltage used. When a short is made across the load causing the impedance to
drop below the threshold level, the shorted channel(s) are switched off. They try to restart
every 50 ms. If the short circuit condition is still present after 50 ms, the cycle repeats. The
average dissipation will be low because of this forced reduced duty cycle.
When a channel is switched off due to a short circuit on one of the supply lines, Window
Protection (WP) is activated. WP ensures the amplifier does not start-up after 50 ms until
the supply line short circuit is removed.
Table 9.
Overview of protection types
Protection type
Reference
Thermal foldback
Section 8.5.1
Overtemperature
Section 8.5.2
Overcurrent
Section 8.5.3
Window
Section 8.5.4
DC Offset
Section 8.5.5
Undervoltage
Section 8.5.6
Overvoltage
Section 8.5.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com