công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDF8599TH bảng dữ liệu(PDF) 22 Page - NXP Semiconductors

tên linh kiện TDF8599TH
Giải thích chi tiết về linh kiện  I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599TH bảng dữ liệu(HTML) 22 Page - NXP Semiconductors

Back Button TDF8599TH Datasheet HTML 18Page - NXP Semiconductors TDF8599TH Datasheet HTML 19Page - NXP Semiconductors TDF8599TH Datasheet HTML 20Page - NXP Semiconductors TDF8599TH Datasheet HTML 21Page - NXP Semiconductors TDF8599TH Datasheet HTML 22Page - NXP Semiconductors TDF8599TH Datasheet HTML 23Page - NXP Semiconductors TDF8599TH Datasheet HTML 24Page - NXP Semiconductors TDF8599TH Datasheet HTML 25Page - NXP Semiconductors TDF8599TH Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
TDF8599_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 13 November 2008
22 of 52
NXP Semiconductors
TDF8599
Class-D power amplifier with load diagnostics
In Parallel mode, disabling clip detection on both channels requires both bits to be set to
bit IB1[D5] = 1 and bit IB2[D5] = 1.
8.6.3 Start-up and shutdown sequence
To prevent the switch on or switch off ‘pop noise’, a capacitor (CSVR) connected to pin SVR
is used to smooth start-up and shutdown. During start-up and shutdown, the output
voltage tracks the voltage on pin SVR. Increasing CSVR results in a longer start-up and
shutdown time. Enhanced pop performance is achieved by muting the amplifier until the
SVR voltage reaches its final value and the outputs start switching. The capacitor on the
pin SEL_MUTE (CON) determines the unmute and mute timing. The voltage on pin
SEL_MUTE determines the amplifier gain. Increasing CON increases the unmute and
mute times. In addition, a larger CON value increases the DC load detection cycle.
When the amplifier is switched off with an I2C-bus command or by pulling pin EN low, the
amplifier is first muted and then capacitor (CSVR) is discharged.
In Slave mode, the device enters the off state immediately after capacitor (CSVR) is
discharged. In Master mode, the clock is kept active by an additional delay (td(2)) of
approximately 50 ms to allow slave devices to enter off state.
When an external clock is connected to pin OSCIO (in Slave mode), the clock remains
active during the shutdown sequence (td(1)) to ensure that the slaved TDF8599 devices
are able to enter the off state.
(1) Shutdown hold delay
(2) Master mode shutdown delay
(3) Shutdown delay
Fig 21. Start-up and shutdown timing in I2C-bus mode with DC load detection
001aai790
VDDA
DIAG
EN
ACGND
IB1[D0] and
IB2[D0]=0
SEL_MUTE
SVR
OUT
td(2)
td(1)
mute on delay
td(stb-mute)
twake
tdet(DCload)
td(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com