công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDF8599TH bảng dữ liệu(PDF) 25 Page - NXP Semiconductors

tên linh kiện TDF8599TH
Giải thích chi tiết về linh kiện  I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599TH bảng dữ liệu(HTML) 25 Page - NXP Semiconductors

Back Button TDF8599TH Datasheet HTML 21Page - NXP Semiconductors TDF8599TH Datasheet HTML 22Page - NXP Semiconductors TDF8599TH Datasheet HTML 23Page - NXP Semiconductors TDF8599TH Datasheet HTML 24Page - NXP Semiconductors TDF8599TH Datasheet HTML 25Page - NXP Semiconductors TDF8599TH Datasheet HTML 26Page - NXP Semiconductors TDF8599TH Datasheet HTML 27Page - NXP Semiconductors TDF8599TH Datasheet HTML 28Page - NXP Semiconductors TDF8599TH Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
TDF8599_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 13 November 2008
25 of 52
NXP Semiconductors
TDF8599
Class-D power amplifier with load diagnostics
9.1 Instruction bytes
If R/W bit = 0, the TDF8599 expects three instruction bytes: IB1, IB2 and IB3. After a
power-on reset, all instruction bits are set to zero.
[1]
See Section 8.3.3 on page 10 for information on IB1[D3].
[2]
See Table 15 “Frequency bit settings” for information.
[3]
See Table 4, Table 5 and Table 16 for information on IB2[D0].
Table 14.
Instruction byte descriptions
Bit
Value
Description
Instruction byte IB1
Instruction byte IB2
Instruction byte IB3
D7
0
offset detection on DIAG
offset protection on
1
no offset detection on DIAG
offset protection off
D6
0
channel 1 offset monitoring on
channel 2 offset monitoring on
1
channel 1 offset monitoring off
channel 2 offset monitoring off
D5
0
channel 1 clip detect on CLIP
channel 2 clip detect on CLIP
1
channel 1 no clip detect on CLIP
channel 2 no clip detect on CLIP
D4
0
disable frequency hopping
thermal pre-warning on CLIP
disable AC load detection
1
enable frequency hopping[1]
no thermal pre warning on CLIP
enable AC load detection
D3
0
oscillator frequency as set with
Rosc − 10 %
temperature pre-warning on
140
°C
[2]
1
oscillator frequency as set with
Rosc +10%
temperature pre-warning on
120
°C
D2
0
DC-load detection disabled
[2]
1
DC-load detection enabled
D1
0
channel 1 enabled
channel 2 enabled
[2]
1
channel 1 disabled
channel 2 disabled
D0
0
TDF8599 in standby
all channels operating
AD modulation
1
TDF8599 in mute or operating[3]
all channels muted
BD modulation
Table 15.
Frequency bit settings
D3
D2
D1
Phase
0000
001
1
⁄4 π
010
1
⁄3 π
011
1
⁄2 π
100
2
⁄3 π
101
3
⁄4 π



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com