| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2437 bảng dữ liệu(PDF) 325 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2437 bảng dữ liệu(HTML) 325 Page - Renesas Technology Corp |
|
325 / 746 page ![]() Rev. 1.00, 09/03, page 287 of 704 φ OVF Overflow signal TCNT H'FF H'00 Figure 11.10 Timing of OVF Flag Setting 11.6 TMR0 and TMR1 Cascaded Connection If bits CKS2 to CKS0 in either TCR0 or TCR1 are set to B'100, the 2-system 8-bit timers are cascaded. With this configuration, 16-bit count mode in which the TMR0 and TMR1 are used as a single 16-bit timer or compare-match count mode in which the compare-match of the 8-bit timer (TMR0) is counted by the TMR1 can be selected. 11.6.1 16-Bit Count Mode When bits CKS2 to CKS0 in TCR0 are set to B'100, the timer functions as a single 16-bit timer with TMR0 occupying the upper eight bits and TMR1 occupying the lower 8 bits. Setting of Compare-Match Flags: • The CMF flag in TCSR0 is set to 1 when a 16-bit compare-match occurs. • The CMF flag in TCSR1 is set to 1 when a lower 8-bit compare-match occurs. Counter Clear Specification: • If the CCLR1 and CCLR0 bits in TCR0 have been set for counter clear at compare-match, the 16-bit counter (TCNT0 and TCNT1 together) is cleared when a 16-bit compare-match occurs. The 16-bit counter (TCNT0 and TCNT1 together) is also cleared when counter clear by the TMI0 pin has been set. • The settings of the CCLR1 and CCLR0 bits in TCR1 are invalid. The lower 8 bits cannot be cleared independently. Pin Output: • Control of output from the TMO0 pin by bits OS3 to OS0 in TCSR0 is in accordance with the 16-bit compare-match conditions. • Control of output from the TMO1 pin by bits OS3 to OS0 in TCSR1 is in accordance with the lower 8-bit compare-match conditions. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |