công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 321 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 321 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 317Page - Renesas Technology Corp H8S/2437 Datasheet HTML 318Page - Renesas Technology Corp H8S/2437 Datasheet HTML 319Page - Renesas Technology Corp H8S/2437 Datasheet HTML 320Page - Renesas Technology Corp H8S/2437 Datasheet HTML 321Page - Renesas Technology Corp H8S/2437 Datasheet HTML 322Page - Renesas Technology Corp H8S/2437 Datasheet HTML 323Page - Renesas Technology Corp H8S/2437 Datasheet HTML 324Page - Renesas Technology Corp H8S/2437 Datasheet HTML 325Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 746 page
background image
Rev. 1.00, 09/03, page 283 of 704
11.3.9
Timer Input Select Register (TISR)
TISR selects a signal source of external clock/reset input for the counter.
Bit
Bit Name Initial Value R/W
Description
7 to 1
All 1
R/(W) Reserved
The initial value should not be changed.
0
IS
0
R/W
Input Select
Selects the internal synchronization signal (IVG signal)
or timer clock/reset input pin (TMIY or ExTMIY) as the
signal source of the external clock/reset input for the
TMRY counter.
0: IVG signal is selected
1: TMIY is selected
11.4
Operation
11.4.1
Pulse Output
Figure 11.3 shows an example for outputting an arbitrary duty pulse.
1. Clear the CCLR1 bit in TCR to 0 and then set the CCLR0 bit to 1 so that TCNT is cleared
according to the compare match of TCORA.
2. Set the OS3 to OS0 bits in TCSR to B'0110 so that 1 is output according to the compare match
of TCORA and 0 is output according to the compare match of TCORB.
According to the above settings, the waveforms with the TCORA cycle and TCORB pulse width
can be output without the intervention of software.
TCNT
H'FF
Counter clear
TCORA
TCORB
H'00
TMO
Figure 11.3 Pulse Output Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com