| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2437 bảng dữ liệu(PDF) 326 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2437 bảng dữ liệu(HTML) 326 Page - Renesas Technology Corp |
|
326 / 746 page ![]() Rev. 1.00, 09/03, page 288 of 704 11.6.2 Compare-Match Count Mode When bits CKS2 to CKS0 in TCR1 are B'100, TCNT1 counts the occurrence of compare-match A for the TMR0. The TMR0 and TMR1 are controlled independently. Conditions such as setting of the CMF flag, generation of interrupts, output from the TMO pin, and counter clearing are in accordance with the settings for the TMR0 and TMR1. 11.7 TMRY and TMRX Cascaded Connection If bits CKS2 to CKS0 in either TCRY or TCRX are set to B ′100, the 2-system 8-bit timers are cascaded. With this configuration, 16-bit count mode in which the TMRY and TMRX are used as a single 16-bit timer or compare-match count mode in which the compare-match of the 8-bit timer (TMRY) is counted by the TMRX can be selected. 11.7.1 16-Bit Count Mode When bits CKS2 to CKS0 in TCRY are set to B'100, the timer functions as a single 16-bit timer with TMRY occupying the upper eight bits and TMRX occupying the lower 8 bits. Setting of Compare-Match Flags: • The CMF flag in TCSRY is set to 1 when an upper 8-bit compare-match occurs. • The CMF flag in TCSRX is set to 1 when a lower 8-bit compare-match occurs. Counter Clear Specification: • If the CCLR1 and CCLR0 bits in TCRY have been set for counter clear at compare-match, only the upper eight bits of TCNTY are cleared. The upper eight bits of TCNTY are also cleared when counter clear by the TMRIY pin has been set. • The settings of the CCLR1 and CCLR0 bits in TCRX are valid, and the lower 8 bits of TCNTX can be cleared. Pin Output: • Control of output from the TMOY pin by bits OS3 to OS0 in TCSRY is in accordance with the upper 8-bit compare-match conditions. • Control of output from the TMOX pin by bits OS3 to OS0 in TCSRX is in accordance with the lower 8-bit compare-match conditions. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |